Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SUCS30515 Datasheet(PDF) 9 Page - COSEL CO., LTD.

Part # SUCS30515
Description  DC-DC Converters PCB Mount Type
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

SUCS30515 Datasheet(HTML) 9 Page - COSEL CO., LTD.

Back Button SUCS30515 Datasheet HTML 3Page - COSEL CO., LTD. SUCS30515 Datasheet HTML 4Page - COSEL CO., LTD. SUCS30515 Datasheet HTML 5Page - COSEL CO., LTD. SUCS30515 Datasheet HTML 6Page - COSEL CO., LTD. SUCS30515 Datasheet HTML 7Page - COSEL CO., LTD. SUCS30515 Datasheet HTML 8Page - COSEL CO., LTD. SUCS30515 Datasheet HTML 9Page - COSEL CO., LTD. SUCS30515 Datasheet HTML 10Page - COSEL CO., LTD. SUCS30515 Datasheet HTML 11Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 Using DC-DC
Converters
¡
To Operate a Linear IC from 5V Output Power Supply
AC
0
+5V
0
+12V
-15V
0
+15V
-Vin
+Vin
-Vout
+Vout
-Vin
+Vin
-Vout
COM
+Vout
Logic IC
Linear IC
Regulated
DC Power
Supply
¡
When Using a Non-regulated Power Source
-Vin
+Vin
-Vout
COM
+Vout
-15V
0
+15V
¡
When Using a Battery-operated Device
-15V
0
+15V
-Vin
+Vin
-Vout
COM
+Vout
¡
When a Floating Mechanism is Required for the Output Circuit
-Vout
+Vout
-Vin
+Vin
Load
Floating from
the GND level
¡
To Draw a Reverse Polarity Output
-Vout
-5V
Example SUS30505
5V
+Vout
-Vin
+Vin
¡
To provide a negative voltage to -Vin by using +Vin side of the
converter as GND potential (0V)
Example SUS34805
-Vout
0
-48V
+5V
+Vout
-Vin
+Vin
¡
To Draw the Sum of Input Voltage and Plus Output Voltage
Example SUS31215
-Vout
0
+27V
12V
+Vout
-Vin
+Vin
*
Output current should be the same as the rated output current of
the converter.
*
Output voltage fluctuation is the sum of the input voltage fluctua-
tion and the output voltage fluctuation of the converter.
¡
To Use a Dual Output Type
*
Dual output type is typically used in the following manner.
Example SUW30512
-Vout
0
+24V
COM
+Vout
-Vin
+Vin
*
The unit can be used as a 24V type single output power supply
as follows.
Example SUW30512
-Vout
0
+24V
COM
+Vout
-Vin
+Vin
*
Another way to use the unit is described below.
*
The sum of +12V and +24V flows to the 0V line. Please make
sure that this value does not exceed the rated output current of
the converter.
Example SUW30512
-Vout
0
+24V
+12V
COM
+Vout
-Vin
+Vin
¡
To Draw 48V Output
Example SUW1R50512
-Vin
+Vin
-Vout
COM
+Vout
5V
0
+48V
-Vin
+Vin
-Vout
COM
+Vout
DC-DC Converters PCB Mount Type
Instruction Manual
SU.SUC/SUT-59
June 26, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com