Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RHRPMICL1A Datasheet(PDF) 21 Page - STMicroelectronics

Part # RHRPMICL1A
Description  Rad-hard integrated current limiter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPMICL1A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button RHRPMICL1A Datasheet HTML 17Page - STMicroelectronics RHRPMICL1A Datasheet HTML 18Page - STMicroelectronics RHRPMICL1A Datasheet HTML 19Page - STMicroelectronics RHRPMICL1A Datasheet HTML 20Page - STMicroelectronics RHRPMICL1A Datasheet HTML 21Page - STMicroelectronics RHRPMICL1A Datasheet HTML 22Page - STMicroelectronics RHRPMICL1A Datasheet HTML 23Page - STMicroelectronics RHRPMICL1A Datasheet HTML 24Page - STMicroelectronics RHRPMICL1A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
9
Layout guidelines
The RHRPMICL1A simultaneously handles fast switching and medium voltage, which implies specific attention to
the layout. Furthermore, proper layout allows mitigating a heavy ion effect, in particular SET. We recommend that
the user refers as much as possible to the layout guidelines of the EVAL-RHRICL1xV1 demonstration board.
The first priority when components, are placed has to be given to the power section (current path from input,
through current sense resistor and high-side switch, toward output), minimizing the length of each connection and
loop as short as possible.
Also, the path of the gate driver signal (driving ON/OFF the high-side switch) must present the lowest resistance
as possible. A power resistor might be required in series to this path to protect the integrated gate driver.
To minimize noise and voltage spikes (also EMI and losses) power connections must be a part of a power plane
and implemented using wide and thick conductor traces. The loop must be minimized. The inductance effect and,
consequently, leading to ringing of the tracks can be minimized by making it as short as possible. The number of
vias must be minimized to reduce the related parasitic effect.
A capacitor on VCC, as well as the capacitors connected to the digital pins, should be placed as close as possible
to the IC to reduce possible loop and parasitic inductance.
Small signal components and connections to critical nodes (e.g. TC_ON/OFF, ISNS+ and ISNS-) of the
application are also important. In fact, the symmetry of the path may impact the sampled value.
To improve heat dissipation, place a copper area under the IC. This copper area may be connected with other
layers (if available) through vias to improve the thermal conductivity. The combination of a copper pad, copper
plane and vias under the driver allows the device to reach its best thermal performance.
It is important to ensure that the power devices, including the IC, have a thermal path compatible with the power
dissipated. It is advisable to mount both the IC and the high-side switch on dedicated heatsinks (for example, the
device should be soldered on the copper area of the PCB, which is in strict thermal contact to an aluminium
frame) gluing each part to the frame (without using any screws for the power MOSFET).
The material used to glue could be the resin ME7158 (space approved resin). Moreover, two small FR4 spacers
could be added in order to ensure the electrical isolation of the package of the device from the frame.
Finally, for reliability reasons it is advisable to use more than one resistor (series connected) between the device
and the main bus ground whose total value is the one obtained by application design considerations.
RHRPMICL1A
Layout guidelines
DS12602 - Rev 3
page 21/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com