Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STHV1600 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STHV1600
Description  16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHV1600 Datasheet(HTML) 1 Page - STMicroelectronics

  STHV1600 Datasheet HTML 1Page - STMicroelectronics STHV1600 Datasheet HTML 2Page - STMicroelectronics STHV1600 Datasheet HTML 3Page - STMicroelectronics STHV1600 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
0 to 200 V peak-to-peak output signal
Up to 30 MHz operating frequency
Gate driver self-biased architecture; no filtering capacitors required
Pulsed wave (PW) mode operation:
5/3 level output
±2 A / ±4 A source and sink current
Continuous wave (CW) mode operation:
150 mW power consumption/channel
270 fs RMS jitter (100 Hz-20 kHz)
-147 dBc/Hz @ 1 kHz phase noise
Elastography mode operation
Fully integrated real clamping-to-ground function
11 Ω synchronous active clamp
±2 A source and sink current
Fully integrated T/R switch
9 Ω ON resistance
28 pF parasitic capacitance
Compliant with receiver multiplexing function
Auxiliary integrated circuits
Noise blocking diode function
Recirculation current protection
Anti-memory feature
Thermal protection
Undervoltage protection and bias supply checks
Programmable power management to optimize the performance into a probe
TX Beamforming
Programmable channels delay for beam-steering and beam-focusing
Clock frequency up to 200 MHz
Delay from 0 to 327 µs with 5 ns resolution at 200MHz
425 ns minimum delay table writing time
Embedded volatile memory to store transmission patterns
64 kbit (256 rows x 16 bits per channel)
Waveform compression and repetition algorithm
Easy driving control
Device control via serial interface
Few input signals to drive several devices
Diagnostic interrupt output
Single trigger input with anti-glitch to manage TX/RX
Checksum and parity check
Very low thermal resistance
Latch-up free thanks to HV SOI technology
Only a few passive components required
Product status link
STHV1600
Product summary
Order code
STHV1600
Package
LFBGA-144
10x10x1.4
Packing
Tray
16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed
ultrasound pulser with integrated transmit beamformer
STHV1600
Data brief
DB3667 - Rev 2 - May 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STHV1600

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STHV102 ISC-STHV102 Datasheet
269Kb / 2P
isc N-Channel MOSFET Transistor
STHV102FI ISC-STHV102FI Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STHV1600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
Ultrasound Transmit Pulser
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
Ultrasound Transmit Pulser
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
Ultrasound Transmit Pulser
logo
Supertex, Inc
HV7331 SUTEX-HV7331 Datasheet
804Kb / 9P
Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
logo
Microchip Technology
HV7321 MICROCHIP-HV7321 Datasheet
501Kb / 30P
4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
06/23/16
HV7350 MICROCHIP-HV7350 Datasheet
567Kb / 16P
8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
06/23/16
logo
STMicroelectronics
STHV800 STMICROELECTRONICS-STHV800 Datasheet
314Kb / 5P
Octal ±90 V, ±2 A, 3-level RTZ, high-speed ultrasound pulser
07-Apr-2014
logo
Texas Instruments
TX7332 TI1-TX7332 Datasheet
411Kb / 9P
Three-level, 32-channel transmitter with 1.2-A pulser, T/R switch, and integrated transmit beamformer
TX7316 TI1-TX7316 Datasheet
274Kb / 7P
Three-level, 16-channel or five-level, 8-channel transmitter with 2.4-A pulser, T/R switch, and integrated transmit beamformer
logo
STMicroelectronics
STHV748S STMICROELECTRONICS-STHV748S Datasheet
280Kb / 5P
Quad ± 90 V, ± 2 A, 3/5 level, ESD-enhanced high-speed ultrasound pulser
02-Dec-2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com