Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPSC10065 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC10065
Description  650 V, 10 A low VF power Schottky silicon carbide diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10065 Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC10065 Datasheet HTML 1Page - STMicroelectronics STPSC10065 Datasheet HTML 2Page - STMicroelectronics STPSC10065 Datasheet HTML 3Page - STMicroelectronics STPSC10065 Datasheet HTML 4Page - STMicroelectronics STPSC10065 Datasheet HTML 5Page - STMicroelectronics STPSC10065 Datasheet HTML 6Page - STMicroelectronics STPSC10065 Datasheet HTML 7Page - STMicroelectronics STPSC10065 Datasheet HTML 8Page - STMicroelectronics STPSC10065 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
K
A
TO-220AC
K
A
K
D²PAK HV
K
NC
A
A
Features
No or negligible reverse recovery
Switching behavior independent of temperature
Dedicated to PFC applications
High forward surge capability
Operating Tj from -40 °C to 175 °C
D²PAK HV creepage distance (anode to cathode) = 5.38 mm min.
ECOPACK2 compliant component
Applications
DC/DC converter
High frequency inverter
Snubber
Boost PFC function
Description
This 10 A, 650 V SiC diode is an ultra high performance power Schottky diode. It is
manufactured using a silicon carbide substrate. The wide band gap material allows
the design of a Schottky diode structure with a 650 V rating. Due to the Schottky
construction, no recovery is shown at turn-off and ringing patterns are negligible. The
minimal capacitive turn-off behavior is independent of temperature.
Housed in D²PAK HV, this diode is perfectly suited for a usage in PFC applications, in
charging station, DC/DC, easing the compliance to IEC-60664-1.
Product label
Product status link
STPSC10065
Product summary
Symbol
Value
IF(AV)
10 A
VRRM
650 V
Tj (max.)
175 °C
VF (typ.)
1.30 V
650 V, 10 A low VF power Schottky silicon carbide diode
STPSC10065
Datasheet
DS12185 - Rev 3 - March 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC10065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10065-Y STMICROELECTRONICS-STPSC10065-Y Datasheet
542Kb / 12P
Automotive 650 V power Schottky silicon carbide diode
09-Nov-2017
STPSC10065DLF STMICROELECTRONICS-STPSC10065DLF Datasheet
379Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
31-Mar-2021
STPSC10065DY STMICROELECTRONICS-STPSC10065DY Datasheet
542Kb / 12P
Automotive 650 V power Schottky silicon carbide diode
09-Nov-2017
STPSC10065GY-TR STMICROELECTRONICS-STPSC10065GY-TR Datasheet
542Kb / 12P
Automotive 650 V power Schottky silicon carbide diode
09-Nov-2017
More results

Similar Description - STPSC10065

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSP1065A ONSEMI-FFSP1065A Datasheet
301Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
January, 2020 ??Rev. 2
logo
STMicroelectronics
STPSC10H065DLF STMICROELECTRONICS-STPSC10H065DLF Datasheet
387Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
March 2021
logo
ON Semiconductor
FFSM1065A ONSEMI-FFSM1065A Datasheet
467Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
December, 2019 ??Rev. 3
FFSP1065B-F085 ONSEMI-FFSP1065B-F085 Datasheet
279Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
September, 2019 ??Rev. 3
FFSP1065B ONSEMI-FFSP1065B Datasheet
278Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
September, 2019 ??Rev. 0
logo
STMicroelectronics
STPSC10065DLF STMICROELECTRONICS-STPSC10065DLF Datasheet
379Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
31-Mar-2021
STPSC20065C STMICROELECTRONICS-STPSC20065C Datasheet
227Kb / 10P
650 V, dual 10 A, power Schottky silicon carbide diode
26-Apr-2019
logo
ON Semiconductor
FFSB1065B-F085 ONSEMI-FFSB1065B-F085_V01 Datasheet
331Kb / 7P
Silicon Carbide Schottky Diode 650 V, 10 A
March, 2022 - Rev. 3
FFSD1065B-F085 ONSEMI-FFSD1065B-F085_V01 Datasheet
396Kb / 7P
Silicon Carbide Schottky Diode 650 V, 10 A
March, 2022 - Rev. 5
FFSB1065A ONSEMI-FFSB1065A_V01 Datasheet
299Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
November, 2021 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com