Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTH60200CHR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STTH60200CHR
Description  Rad-Hard 60 A - 200 V fast recovery rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60200CHR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STTH60200CHR Datasheet HTML 4Page - STMicroelectronics STTH60200CHR Datasheet HTML 5Page - STMicroelectronics STTH60200CHR Datasheet HTML 6Page - STMicroelectronics STTH60200CHR Datasheet HTML 7Page - STMicroelectronics STTH60200CHR Datasheet HTML 8Page - STMicroelectronics STTH60200CHR Datasheet HTML 9Page - STMicroelectronics STTH60200CHR Datasheet HTML 10Page - STMicroelectronics STTH60200CHR Datasheet HTML 11Page - STMicroelectronics STTH60200CHR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
5
Other information
5.1
Traceability information
The date code in formation is structured as described in the table below.
Table 8. Date codes
Model
Date code(1)
EM
3yywwN
ESCC
yywwN
1. yy = year, ww = week number, N = lot index in the week.
5.2
Documentation
Each product shipment includes a set of associated documentation within the shipment box. This documentation
depends on the quality level of the products, as detailed in the table below.
The documentation is provided on printed paper in a dedicated envelop.
Table 9. Default documentation provided with the parts
Quality level
Documentation
Engineering Model
Certificate of Conformance including :
•
Customer name
•
Customer purchase order number
•
ST sales order number and item
•
ST part number
•
Quantity delivered
•
Date code
•
Reference data sheet
•
Reference to TN1180 on engineering models
•
ST Rennes assembly lot ID
ESCC Flight
Certificate of Conformance including:
•
Customer name
•
Customer purchase order number
•
ST sales order number and item
•
ST part number
•
Quantity delivered
•
Date code
•
Serial numbers
•
Reference of the applicable ESCC Qualification maintenance lot
•
Reference to the ESCC detail specification
•
ST Rennes assembly lot ID
Radiation verification test report(1)
1. Report of the ESCC22900 test supporting the delivered parts
STTH60200CHR
Other information
DS12587 - Rev 2
page 10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com