Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTH60400HR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTH60400HR
Description  Rad-Hard 60 A - 400 V fast recovery rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60400HR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STTH60400HR Datasheet HTML 3Page - STMicroelectronics STTH60400HR Datasheet HTML 4Page - STMicroelectronics STTH60400HR Datasheet HTML 5Page - STMicroelectronics STTH60400HR Datasheet HTML 6Page - STMicroelectronics STTH60400HR Datasheet HTML 7Page - STMicroelectronics STTH60400HR Datasheet HTML 8Page - STMicroelectronics STTH60400HR Datasheet HTML 9Page - STMicroelectronics STTH60400HR Datasheet HTML 10Page - STMicroelectronics STTH60400HR Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
3.1
SMD1 package information
Figure 13. SMD1 package outline
1
2
3
A
A1
b
b1
b2
b3
D1
E
e
D
Anode a
Anode b
Common cathode
Table 6. SMD1 package mechanical data
Symbols
Dimansions (mm)
Min.
Typ.
Max.
A
3.3
3.61
A1
0.25
0.51
b
9.4
9.65
b1
10.41
10.67
b2
3.43
3.68
b3
3.86
4.11
D
15.75
16
D1
0.76
E
11.3
11.56
e
2.67 BSC
STTH60400HR
Package information
DS11815 - Rev 3
page 7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com