Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSA3000XP-EMI Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SSA3000XP-EMI
Description  Spectrum Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSA3000XP-EMI Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SSA3000XP-EMI Datasheet HTML 7Page - List of Unclassifed Manufacturers SSA3000XP-EMI Datasheet HTML 8Page - List of Unclassifed Manufacturers SSA3000XP-EMI Datasheet HTML 9Page - List of Unclassifed Manufacturers SSA3000XP-EMI Datasheet HTML 10Page - List of Unclassifed Manufacturers SSA3000XP-EMI Datasheet HTML 11Page - List of Unclassifed Manufacturers SSA3000XP-EMI Datasheet HTML 12Page - List of Unclassifed Manufacturers SSA3000XP-EMI Datasheet HTML 13Page - List of Unclassifed Manufacturers SSA3000XP-EMI Datasheet HTML 14Page - List of Unclassifed Manufacturers SSA3000XP-EMI Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SSA3000X Plus Analyzer DataSheet
9
Amplitude Accuracy and Range Specifications
Amplitude and Level
SSA3015X Plus
SSA3021X Plus
SSA3032X Plus
SSA3075X Plus
Measurement range
DANL to +10 dBm, 100 kHz ~ 1 MHz, Preamp off
DANL to +20 dBm, 1 MHz ~ 7.5 GHz, Preamp off
Reference level
-200 dBm to +30 dBm, 1 dB steps
Pre-Amplifier
20 dB (nom.)
Input attenuation
0 ~ 30 dB, 1 dB steps 0 ~ 50 dB, 1 dB steps
Maximum input DC voltage
+/- 50 VDC
Maximum average power
30 dBm, 3 minutes, fc ≥10 MHz, att > 20 dBm, preamp off
Maximum damage level
33 dBm, fc ≥ 10 MHz, att > 20 dBm, preamp off
Level Display
Logarithmic level axis
1 dB to 200 dB
Linear level axis
0 to reference level
Units of level axis
dBm, dBmV, dBμV, dBμA, Volt, Watt
Number of display points
751
Number of traces
4
Trace detectors
Positive-peak, Negative-peak, Sample, Normal,
Average(Voltage/RMS/Video), Quasi-peak
Trace functions
Clear write, Max Hold, Min Hold, View, Blank, Average, Math
SSB Phase Noise
SSA3015X Plus
SSA3021X Plus
SSA3032X Plus
SSA3075X Plus
Offset
20 °C to 30 °C, fc = 1 GHz, Normalized to 1 Hz
10 kHz
-95 dBc/Hz,
-99 dBc/Hz (typ.)
-95 dBc/Hz,
-98 dBc/Hz (typ.)
-95 dBc/Hz,
-98 dBc/Hz (typ.)
-96 dBc/Hz,
-98 dBc/Hz (typ.)
100 kHz
-96 dBc/Hz,
-98 dBc/Hz (typ.)
-96 dBc/Hz,
-97 dBc/Hz (typ.)
-96 dBc/Hz,
-97 dBc/Hz (typ.)
-95 dBc/Hz,
-97 dBc/Hz (typ.)
1 MHz
-115 dBc/Hz,
-120 dBc/Hz (typ.)
-115 dBc/Hz,
-117 dBc/Hz (typ.)
-115 dBc/Hz,
-117 dBc/Hz (typ.)
-112 dBc/Hz,
-114 dBc/Hz (typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com