Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT86RF401 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT86RF401
Description  Smart RF Wireless Data Microtransmitter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF401 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT86RF401 Datasheet HTML 1Page - ATMEL Corporation AT86RF401 Datasheet HTML 2Page - ATMEL Corporation AT86RF401 Datasheet HTML 3Page - ATMEL Corporation AT86RF401 Datasheet HTML 4Page - ATMEL Corporation AT86RF401 Datasheet HTML 5Page - ATMEL Corporation AT86RF401 Datasheet HTML 6Page - ATMEL Corporation AT86RF401 Datasheet HTML 7Page - ATMEL Corporation AT86RF401 Datasheet HTML 8Page - ATMEL Corporation AT86RF401 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
1424F–RKE–12/03
Features
RF Frequency Range of 264–456 MHz
6 dBm RF Output into Matched Antenna
RF Output Power Adjustable over 36 dB with 1 dB Resolution
Phase-locked Loop (PLL) Based Frequency Synthesizer
Supports OOK Modulation
Data Bandwidth of Up to 10 Kbps Manchester
2-volt Operation
8-bit AVR
RISC Microcontroller Core
Minimal External Components
Space-saving 20-lead TSSOP
2 KB (1K x 16) of Flash Program Memory
128 Bytes of EEPROM
128 Bytes of SRAM
In-system Programmable Data and Program Memory
Six I/Os (Serial I/F, LED Drive Outputs, Button Input Interrupts)
Low Battery Detect and Brown-out Protection
Software Fine-tuning of VCO Tank Circuit
Applications
Remote Keyless Entry (RKE) Transmitters
Wireless Security Systems
Home Applicance Control (Lighting Control, Ceiling Fans)
Radio Remote Control (Hobby, Toys)
Garage Door Openers
Wireless PC Peripherals (Keyboard, Mouse)
Telemetry (Tire Pressure, Utility Meter, Asset Tracking)
Description
The Atmel AT86RF401 Smart RF Microtransmitter is a highly integrated, low-cost RF
transmitter, combined with an AVR RISC microcontroller. It requires only a crystal, a
single LiMnO
2 coin cell (CR2032 or similar), three capacitors, an inductor and a tuned-
loop antenna to implement a complete on-off keyed (OOF) wireless RF data
transmitter.
Figure 1. Block Diagram
PHASE
DETECTOR
OSCILLATOR
LOOP
FILTER
VCO
PRESCALER
÷ 24
RF
AMP
CLOCK
RESET
WATCHDOG
LOW-VOLTAGE DETECT
BROWN-OUT PROTECT
AVR RISC
µC
2 KB Flash Program Memory
128 Bytes EEPROM Data Memory
DATA
GAIN
TRIM
POWER
SUPPLY
SUPERVISOR
XTAL/CLK
XTALB
AVDD
AGND
ANT
ANTB
B
+
Smart RF
Wireless Data
Microtransmitter
AT86RF401


Similar Part No. - AT86RF401

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF210 ATMEL-AT86RF210 Datasheet
104Kb / 10P
Z-Link Transceiver
AT86RF211 ATMEL-AT86RF211 Datasheet
582Kb / 48P
FSK Transceiver for ISM Radio Applications
AT86RF211DAI ATMEL-AT86RF211DAI Datasheet
582Kb / 48P
FSK Transceiver for ISM Radio Applications
AT86RF211DAI-R ATMEL-AT86RF211DAI-R Datasheet
582Kb / 48P
FSK Transceiver for ISM Radio Applications
AT86RF211S ATMEL-AT86RF211S Datasheet
135Kb / 15P
Transceiver for ISM Radio Applications
More results

Similar Description - AT86RF401

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
WL102B MITEL-WL102B Datasheet
138Kb / 9P
Wireless Data Controller
logo
Zarlink Semiconductor I...
WL102B ZARLINK-WL102B Datasheet
369Kb / 10P
Wireless Data Controller
logo
ATMEL Corporation
ATA5423_0601 ATMEL-ATA5423_0601 Datasheet
182Kb / 2P
SMART RF INTEGRATED WIRELESS DATA TRANSCEIVER
SAM-R21E ATMEL-SAM-R21E_14 Datasheet
762Kb / 22P
SMART ARM-Based Wireless Microcontroller
SAM-R21G ATMEL-SAM-R21G_14 Datasheet
762Kb / 22P
SMART ARM-Based Wireless Microcontroller
logo
Pulse A Technitrol Comp...
B5004 PULSE-B5004 Datasheet
81Kb / 2P
BROADBAND: RF & WIRELESS
logo
LAPIS Semiconductor Co....
MK71251-01 LAPIS-MK71251-01 Datasheet
1Mb / 29P
Bluetooth Smart wireless module
logo
SHENZHEN KYL COMMUNICAT...
KYL-200I KYL-KYL-200I Datasheet
174Kb / 1P
Wireless Data Transceiver
KYL-600M KYL-KYL-600M Datasheet
308Kb / 4P
Wireless Data/AudioModule
logo
AAEON Technology
SCA-RF AAEON-SCA-RF Datasheet
501Kb / 2P
SCA-RF is an RF Module with Wireless Capabilities, Suitable for Smart City/ Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com