Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7207 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L7207
Description  Dual mode disk drive spindle and VCM motor driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7207 Datasheet(HTML) 1 Page - STMicroelectronics

  L7207 Datasheet HTML 1Page - STMicroelectronics L7207 Datasheet HTML 2Page - STMicroelectronics L7207 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
April 2006
Rev 1
1/3
3
L7207
Dual mode disk drive spindle and VCM motor driver
General features
■ Dual operative mode (Desktop and Mobile)
■ Register based architecture
■ Serial communication interface up to 40 MHz
Spindle driver
■ 3A peak current drive capability
■ Internal power devices with 0.5Ω max bridge
impedance at 125°C.
■ ST SmoothDrive architecture
■ Inductance sense start-up capability
■ Current sensing via integrated sense FET
VCM driver
■ 2.4A peak current drive capability
■ Internal power devices with 0.5Ω max bridge
impedance at 125°C
■ Linear and PSM VCM driving
■ Dual 14-bit linear DACs for current command
■ Power on/off ramp load and unload capability
■ Voltage retract mode
Other functions
■ 2 linear regulators.
■ Programmable switching regulator
■ Negative switching regulator
■ Internal isolation FET
■ Voltage monitoring
■ Power On Reset with integrated delay
■ Shock sensor circuitry
■ 8-bit ADC with multiplexed inputs
■ Thermal sense circuit and over temperature
shutdown
Description
L7207 is a motor controller IC designed for both
desktop and dobile hard disk drive applications.
The spindle motor driver subsystem integrates all
power FETs driven by ST's SmoothDrive
commutation technology. The voice coil driver
block includes the power FETs, as well as ramp
load and unload capability.
Linear voltage and switching regulators are
included, as well as a negative regulator and
power monitoring function.
L7207 embeds a serial interface with a maximum
speed of 40 MHz.
TQFP64
www.st.com


Similar Part No. - L7207

ManufacturerPart #DatasheetDescription
logo
Legrand North America, ...
L720 LEGRAND-L720  Datasheet
978Kb / 4P
Industrial Spec Grade Turnlok® Locking Devices 3 Wire 15, 20 & 30A; 125 & 250V, 277VAC
logo
STMicroelectronics
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Sep-1999
logo
Intel Corporation
L7200 INTEL-L7200 Datasheet
1Mb / 91P
Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
STMicroelectronics
L7203 STMICROELECTRONICS-L7203 Datasheet
170Kb / 13P
SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
Apr-2001
L7203S STMICROELECTRONICS-L7203S Datasheet
170Kb / 13P
SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
Apr-2001
More results

Similar Description - L7207

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM5193H PHILIPS-OM5193H Datasheet
246Kb / 56P
Disk drive spindle and VCM with servo controller
1998 Nov 02
TDA5147CH PHILIPS-TDA5147CH Datasheet
196Kb / 32P
12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1997 Jul 09
TDA5147K PHILIPS-TDA5147K Datasheet
154Kb / 32P
12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1996 Jul 26
logo
STMicroelectronics
L6254 STMICROELECTRONICS-L6254 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
April 1999
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Apr-1999
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Apr-1999
L6275 STMICROELECTRONICS-L6275 Datasheet
109Kb / 17P
5V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Apr-1999
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Sep-1999
logo
Fairchild Semiconductor
FAN8422G FAIRCHILD-FAN8422G Datasheet
358Kb / 10P
Floppy Disk Drive Spindle Motor Driver
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
Disk drive spindle and VCM motor driver
24-Dec-2007
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com