Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LDP35CA Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDP35CA
Description  Transient protection load dump
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDP35CA Datasheet(HTML) 1 Page - STMicroelectronics

  LDP35CA Datasheet HTML 1Page - STMicroelectronics LDP35CA Datasheet HTML 2Page - STMicroelectronics LDP35CA Datasheet HTML 3Page - STMicroelectronics LDP35CA Datasheet HTML 4Page - STMicroelectronics LDP35CA Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This is information on a product in full production.
June 2012
Doc ID 023358 Rev 1
1/5
5
LDP35CA
Transient protection load dump
Datasheet
− production data
Features
■
Lead-free package
■
High surge capability: 15 A / 40 ms
Description
Transient voltage suppressor diode especially
useful for protecting integrated circuits, MOS
hybrids and other voltage sensitive
semiconductors and components.
R6
(plastic)
www.st.com


Similar Part No. - LDP35CA

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
LDP300 MRV-LDP300 Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
LDP300L MRV-LDP300L Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
logo
Anova Technologies CO.,...
LDP30A ANOVA-LDP30A Datasheet
331Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
LDP30A LUGUANG-LDP30A Datasheet
881Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Anova Technologies CO.,...
LDP30CA ANOVA-LDP30CA Datasheet
331Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
More results

Similar Description - LDP35CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDP24A STMICROELECTRONICS-LDP24A Datasheet
44Kb / 5P
LOAD DUMP TRANSIENT PROTECTION
Apr-2000
logo
Microsemi Corporation
LDTS14 MICROSEMI-LDTS14_1 Datasheet
255Kb / 2P
HEAVY DUTY (LOAD DUMP) TRANSIENT VOLTAGE SUPPRESSOR
logo
Maxim Integrated Produc...
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
MAX16128 MAXIM-MAX16128 Datasheet
1Mb / 15P
Load-Dump/Reverse-Voltage Protection Circuits
Rev 1; 9/12
logo
StarHope
LCT40B SPSEMI-LCT40B Datasheet
787Kb / 3P
Transient Voltage Suppressor Diode Especially Designed For Load Dump Protection
logo
Maxim Integrated Produc...
MAX16128 MAXIM-MAX16128_V01 Datasheet
877Kb / 15P
Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX16126 MAXIM-MAX16126_V01 Datasheet
1Mb / 19P
Load-Dump/Reverse-Voltage Protection Circuits
2019
logo
Diodes Incorporated
ALS5W10A DIODES-ALS5W10A Datasheet
547Kb / 6P
Surface Mount Load Dump Transient Voltage Suppressors
Octo-2021 REV-4
ALS6W10A DIODES-ALS6W10A Datasheet
717Kb / 6P
Surface Mount Load Dump Transient Voltage Suppressors
Octo-2021 REV-4
ALS8W10A DIODES-ALS8W10A Datasheet
516Kb / 6P
Surface Mount Load Dump Transient Voltage Suppressors
Oct-2021 REV-8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com