Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD56060 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD56060
Description  60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56060 Datasheet(HTML) 3 Page - STMicroelectronics

  SD56060 Datasheet HTML 1Page - STMicroelectronics SD56060 Datasheet HTML 2Page - STMicroelectronics SD56060 Datasheet HTML 3Page - STMicroelectronics SD56060 Datasheet HTML 4Page - STMicroelectronics SD56060 Datasheet HTML 5Page - STMicroelectronics SD56060 Datasheet HTML 6Page - STMicroelectronics SD56060 Datasheet HTML 7Page - STMicroelectronics SD56060 Datasheet HTML 8Page - STMicroelectronics SD56060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified.
Table 3. Static (per side)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
65
V
IDSS
Zero gate voltage drain leakage
current
VGS = 0 V, VDS = 28 V
1
μA
IGSS
Gate-source leakage current
VGS = 20 V, VDS = 0 V
1
μA
VGS(Q)
Gate quiescent voltage
VDS = 28 V, ID = 100 mA
2.8
5.0
V
VDS(on)
Static drain-source on-voltage
VGS = 10 V, ID = 3 A
1.3
V
GFS
Transconductance
VDS = 10 V, ID = 3 A
1.8
S
Ciss
Common source input
capacitance
VGS = 0 V, VDD = 28 V, f = 1 MHz
58
pF
Crss
Common source feedback
capacitance
34
pF
Coss
Common source output
capacitance
2.7
pF
Table 4. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
POUT
Output power
VDD = 28 V, IDQ = 100 mA, f = 860 MHz
60
-
W
GPS
Power gain
VDD = 28 V, IDQ = 100 mA,
POUT = 60 W, f = 860 MHz
14
16
-
dB
ηD
Drain efficiency
50
60
-
%
IMD
Intermodulation distorsion
VDD = 28 V, IDQ = 100 mA,
POUT = 60 W, PEP(1)
-28
-
dBC
VSWR
Load mismatch
VDD = 28 V, IDQ = 100 mA,
POUT = 60 W, f = 860 MHz, all phases
5:1
-
1. PEP is: f1 = 860 MHz and f2 = 860.1 MHz.
SD56060
Electrical characteristics
DS11102 - Rev 2
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com