Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2555YML-1 Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2555YML-1
Description  USB - OTG Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2555YML-1 Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2555YML-1 Datasheet HTML 17Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 18Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 19Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 20Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 21Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 22Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 23Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 24Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Micrel, Inc.
MIC2555
June 2005
21
M9999-060805
(408) 955-1690
Control Bit Locator
Location
Control Bit
Control Register 1
Control Register 2
Control Register 3
Interrupt Source
GPIO Interrupt
bdis_acon, (sess_end)
B6
bdis_acon_en
B4
cp_off
B1
cr_int
B7
cr_int_sel
B3
dat_se0
B2
dm_pull-down
B3
dm_pull-up
B1
dp_pull-down
B2
dp_pull-up
B0
ext_osc
B5
GPIO_0
B0
GPIO_1
B1
GPIO_2
B2
id_det_off
B2
id_float
B5
id_gnd_in
B3
id_gnd_out
B4
oe_int_en
B5
rcs_dis
B6
scl_en
B7
se_dm
B4
se_dp
B2
sess_end_en
B4
sess_vld
B1
pwr_dn
B0
speed
B0
suspend
B1
test bit
B3
uart_en
B6
uart_io
B7
vbus_chrg
B7
vbus_dischrg
B6
vbus_drv
B5
vbus_vld
B0
Serial Controller Register Bits
Example Table Format
Column Titles
Field name
Size (bits)
Access
Register
Addresses
(1)
Description
Note:
Access type “rd/s/c” denotes a field that can be read, set to 1 or cleared to 0. The register can be read from either of
the Addresses indicated. When writing to the “set” Address, any 1s that are written cause the associated bit to be set.
When writing to the “clr” (Clear) Address, any 1s that are written cause the associated bit to be cleared.
Device ID Registers
MSB -> Higher byte of two byte word
LSB -> Lower byte of two byte word
vendor_id
16
rd
00h
USB-IF Vendor ID number. Address 00h contains
lower byte of Vendor ID. Address 01h contains upper
byte of Vendor ID.
product_id
16
rd
02h
A number unique to each manufacturer, for each
device type produced. The manufacturer assigns this
number. Address 02h contains lower byte. Address
03h contains upper byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com