Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAL16R8-7PC Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # PAL16R8-7PC
Description  20-Pin TTL Programmable Array Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PAL16R8-7PC Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button PAL16R8-7PC Datasheet HTML 24Page - Advanced Micro Devices PAL16R8-7PC Datasheet HTML 25Page - Advanced Micro Devices PAL16R8-7PC Datasheet HTML 26Page - Advanced Micro Devices PAL16R8-7PC Datasheet HTML 27Page - Advanced Micro Devices PAL16R8-7PC Datasheet HTML 28Page - Advanced Micro Devices PAL16R8-7PC Datasheet HTML 29Page - Advanced Micro Devices PAL16R8-7PC Datasheet HTML 30Page - Advanced Micro Devices PAL16R8-7PC Datasheet HTML 31Page - Advanced Micro Devices PAL16R8-7PC Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
AMD
2-30
PAL16R8-5
MEASURED SWITCHING CHARACTERISTICS for the PAL16R8-5
VCC = 4.75 V, TA = 75
°C (Note 1)
tPD vs. Number of Outputs Switching
tPD vs. Load Capacitance
VCC = 5.25 V, TA = 25
°C
Note:
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified
where tPD may be affected.
5.0
4.5
4.0
3.5
3.0
123
4
5
6
7
8
tPD, ns
Number of Outputs Switching
10
8
6
4
2
0
50
100
tPD, ns
150
200
250
–5
CL, pF
–5
16492D-19
16492D-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com