Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A2C35S12M3 Datasheet(PDF) 17 Page - STMicroelectronics

Part # A2C35S12M3
Description  ACEPACK 2 converter inverter brake, 1200 V, 35 A, trench gate field‑stop M series IGBT with soft diode and NTC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2C35S12M3 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button A2C35S12M3 Datasheet HTML 10Page - STMicroelectronics A2C35S12M3 Datasheet HTML 11Page - STMicroelectronics A2C35S12M3 Datasheet HTML 12Page - STMicroelectronics A2C35S12M3 Datasheet HTML 13Page - STMicroelectronics A2C35S12M3 Datasheet HTML 14Page - STMicroelectronics A2C35S12M3 Datasheet HTML 15Page - STMicroelectronics A2C35S12M3 Datasheet HTML 16Page - STMicroelectronics A2C35S12M3 Datasheet HTML 17Page - STMicroelectronics A2C35S12M3 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Contents
1
Electrical ratings ..................................................................2
1.1
Inverter stage.................................................................. 2
1.1.1
IGBTs ................................................................. 2
1.1.2
Diode ................................................................. 3
1.2
Brake stage ................................................................... 4
1.2.1
IGBT .................................................................. 4
1.2.2
Diode ................................................................. 6
1.3
Converter stage................................................................ 7
1.4
NTC.......................................................................... 7
1.5
Package ...................................................................... 8
2
Electrical characteristics curves ...................................................9
3
Test circuits ......................................................................12
4
Topology and pin description .....................................................13
5
Package information..............................................................14
5.1
ACEPACK 2 CIB solder pins package information .................................. 15
Revision history .......................................................................16
A2C35S12M3
Contents
DS11506 - Rev 6
page 17/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com