Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIB20M60TS-L Datasheet(PDF) 22 Page - STMicroelectronics

Part # STGIB20M60TS-L
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB20M60TS-L Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STGIB20M60TS-L Datasheet HTML 16Page - STMicroelectronics STGIB20M60TS-L Datasheet HTML 17Page - STMicroelectronics STGIB20M60TS-L Datasheet HTML 18Page - STMicroelectronics STGIB20M60TS-L Datasheet HTML 19Page - STMicroelectronics STGIB20M60TS-L Datasheet HTML 20Page - STMicroelectronics STGIB20M60TS-L Datasheet HTML 21Page - STMicroelectronics STGIB20M60TS-L Datasheet HTML 22Page - STMicroelectronics STGIB20M60TS-L Datasheet HTML 23Page - STMicroelectronics STGIB20M60TS-L Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Revision history
Table 15. Document revision history
Date
Revision
Changes
30-Sep-2015
1
Initial release.
16-May-2016
2
Text edits throughout document
Updated Section 3: "Electrical characteristics"
Added Section 7: "Electrical characteristics (curves)"
08-Nov-2016
3
Modified Table 10: "Temperature sensor output" and Table 11: "Sense
comparator (VCC = 15 V, unless otherwise is specified)"
Modified Figure 15: "VTSO output characteristics vs. LVIC temperature"
Updated Section 8.1: "SDIP2B-26L type L package information"
Minor text changes
06-Oct-2017
4
Document status promoted from preliminary data to production data.
Updated features in cover page and Table 12: "Fault timing".
Minor text changes
07-Jun-2018
5
Updated Section 8.1 SDIP2B-26L type L package information.
Minor text changes
13-May-2019
6
Added Figure 13. IC vs case temperature.
Updated Section 8.1 SDIP2B-26L type L1 package information.
Minor text changes.
27-May-2019
7
Modified Figure 11. Output characteristics.
21-Sep-2021
8
Updated the features in cover page and Table 4. Total system.
Minor text changes.
STGIB20M60TS-L
DS11295 - Rev 8
page 22/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com