Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIB30M60S-L Datasheet(PDF) 17 Page - STMicroelectronics

Part # STGIB30M60S-L
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 35 A, 600 V short-circuit rugged IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB30M60S-L Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STGIB30M60S-L Datasheet HTML 13Page - STMicroelectronics STGIB30M60S-L Datasheet HTML 14Page - STMicroelectronics STGIB30M60S-L Datasheet HTML 15Page - STMicroelectronics STGIB30M60S-L Datasheet HTML 16Page - STMicroelectronics STGIB30M60S-L Datasheet HTML 17Page - STMicroelectronics STGIB30M60S-L Datasheet HTML 18Page - STMicroelectronics STGIB30M60S-L Datasheet HTML 19Page - STMicroelectronics STGIB30M60S-L Datasheet HTML 20Page - STMicroelectronics STGIB30M60S-L Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
7
Electrical characteristics (curves)
Figure 9. Output characteristics
0.5
1.0
1.5
2.0
2.5
0.0
10
20
30
40
50
60
0
15 V
13 V
VCC = 18 V
VCE (V)
IGBTKRF5BOutcharTJ25C
Figure 10. VCE(sat) vs collector current
0
10
20
30
40
50
60
0.8
1.3
1.8
2.3
2.8
3.3
VCC = 15 V
TJ = 175 °C
TJ = 25 °C
IC (A)
IGBTKRF5BVCEsatvscollcurr
Figure 11. IC vs case temperature
GADG140520191139CCT
35
30
25
20
15
10
5
0
0
25
50
75
100 125 150
IC
(A)
TC (°C)
VGE ≥ 15 V, TJ ≤ 175 °C
Figure 12. Diode VF vs forward current
0
10
20
30
40
50
60
0.0
0.5
1.5
1.0
2.0
TJ = 25 °C
TJ = 175 °C
IF (A)
IGBTKRF5BDVFvsforcurr
Figure 13. EON switching energy vs collector current
0
10
20
30
40
50
60
0
2
4
6
8
10
VDD = 300 V, VCC = Vboot = 15 V
TJ = 175 °C
TJ = 25 °C
IC (A)
IGBTKRF5BEONSwenvscollcurr
Figure 14. EOFF switching energy vs collector current
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
VDD = 300 V, VCC = Vboot = 15 V
TJ = 175 °C
TJ = 25 °C
IC (A)
IGBTKRF5BEOFFSwenvscollcurr
STGIB30M60S-L
Electrical characteristics (curves)
DS12605 - Rev 4
page 17/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com