Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIF5CH60TS-LZ Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGIF5CH60TS-LZ
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 8 A, 600 V, short‑circuit rugged IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIF5CH60TS-LZ Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGIF5CH60TS-LZ Datasheet HTML 3Page - STMicroelectronics STGIF5CH60TS-LZ Datasheet HTML 4Page - STMicroelectronics STGIF5CH60TS-LZ Datasheet HTML 5Page - STMicroelectronics STGIF5CH60TS-LZ Datasheet HTML 6Page - STMicroelectronics STGIF5CH60TS-LZ Datasheet HTML 7Page - STMicroelectronics STGIF5CH60TS-LZ Datasheet HTML 8Page - STMicroelectronics STGIF5CH60TS-LZ Datasheet HTML 9Page - STMicroelectronics STGIF5CH60TS-LZ Datasheet HTML 10Page - STMicroelectronics STGIF5CH60TS-LZ Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Figure 2. Switching time test circuit
5 V
0 V
+
-
Vce
I c
Vcc
+5V
Input
C
VCC
CIN
LIN
LVG
GND
SD
L
+
-
Vdd
VCC
HIN
HVG
OUT
GND
BOOT
Rsd
Figure 3. Switching time definition
AM09223V1
VCE
IC
IC
VIN
t
ON
t
C(ON)
VIN(ON)
(a) turn-on
(b) turn-off
t
rr
VIN
VCE
t
OFF
t
C(OFF)
VIN(OFF)
100% IC 100% IC
10% IC 90% IC 10% VCE
10% VCE
10% IC
STGIF5CH60TS-LZ
Inverter parts
DS13924 - Rev 1
page 7/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com