Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6399D Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6399D
Description  High voltage high and low-side driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6399D Datasheet(HTML) 4 Page - STMicroelectronics

  L6399D Datasheet HTML 1Page - STMicroelectronics L6399D Datasheet HTML 2Page - STMicroelectronics L6399D Datasheet HTML 3Page - STMicroelectronics L6399D Datasheet HTML 4Page - STMicroelectronics L6399D Datasheet HTML 5Page - STMicroelectronics L6399D Datasheet HTML 6Page - STMicroelectronics L6399D Datasheet HTML 7Page - STMicroelectronics L6399D Datasheet HTML 8Page - STMicroelectronics L6399D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical data
L6399
4/18
DocID030402 Rev 2
2
Electrical data
2.1
Absolute maximum ratings
2.2
Recommended operating conditions
2.3
Thermal data
Table 1. Absolute maximum rating
Symbol
Parameter
Value
Unit
Min.
Max.
VCC
Supply voltage
-0.3
21
V
VOUT
Output voltage
VBOOT - 21
VBOOT + 0.3
V
VBOOT
Bootstrap voltage
-0.3
620
V
Vhvg
High-side gate output voltage
VOUT - 0.3
VBOOT + 0.3
V
Vlvg
Low-side gate output voltage
-0.3
VCC + 0.3
V
Vi
Logic input voltage
-0.3
15
V
dVOUT/dt Allowed output slew rate
-
50
V/ns
Ptot
Total power dissipation (TA = 25 °C)
-
800
mW
TJ
Junction temperature
-
150
°C
Tstg
Storage temperature
-50
150
°C
ESD
Human body model
2
kV
Table 2. Recommended operating conditions
Symbol
Pin
Parameter
Test condition
Min.
Max.
Unit
VCC
3
Supply voltage
-
10
20
V
VBO(1)
1. VBO = VBOOT - VOUT.
8 - 6
Floating supply voltage
-
9.8
20
V
VOUT
6
Output voltage
-
- 11(2)
2. LVG off. VCC = 10 V
Logic is operational if VBOOT > 5 V.
580
V
fsw
-
Switching frequency
HVG, LVG load CL = 1 nF
-
800
kHz
TJ
-
Junction temperature
-
-40
125
°C
Table 3. Thermal data
Symbol
Parameter
SO-8
Unit
Rth(JA)
Thermal resistance junction to ambient
150
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com