Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BH3515FV Datasheet(PDF) 2 Page - LSI Computer Systems

Part # BH3515FV
Description  RF amplifier for Car CD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

BH3515FV Datasheet(HTML) 2 Page - LSI Computer Systems

  BH3515FV Datasheet HTML 1Page - LSI Computer Systems BH3515FV Datasheet HTML 2Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Application Circuit
Power supply voltage
VCC
3.3
3.0
5.5
V
Parameter
Min.
Max.
Unit
Typ.
Symbol
No load consumption current
Adder amp. gain 1 (at normal)
Adder amp. gain 2 (at RW)
AGC operation level 1
AGC operation level 2
Frequency characteristic 1
Frequency characteristic 2
Frequency characteristic 3
RFDET detection level
IQ
GRF1
GRF2
VOPAGC1
VOPAGC2
Gf1
Gf2
Gf3
VRFDET
15
4
16
580
0.95
2
2
2
70
20
6
18
700
1.15
3.5
3.5
3.5
100
25
8
20
820
1.35
5
5
5
130
mA
dB
dB
mVp-p
Vp-p
dB
dB
dB
mVp-p
Normal gain
Normal gain
Gain up
VCC=3.3V, f=500kHz, VIN=500mVpp
VCC=5V, f=500kHz, VIN=500mVpp
f=144k/720k, SPDCTL=Low (x1 speed)
f=216k/1.08M, SPDCTL=Hi–Z (x1.5 speed)
f=288k/1.44M, SPDCTL=High (x2 speed)
f=500kHz, RFDET=H
®L
Electrical characteristics (Unless otherwise noted; Ta=25°C, Vcc=3.3V)
Symbol
Min.
Max.
Unit
Conditions
Typ.
Parameter
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
28
27
26
25
24
23
22
21
20
19
18
17
16
E
F
B
C
A
D
TEO
TEN
RTE
FEO
FEN
RFE
SPDCTL
GCTL
FBAL
TBAL
VREF
E
F
B
A
68K
68K
0.1µ
0.1µ
OFTR
BDO
CSBDO
CEA
2200p
0.033µ
ARF
CAGC
0.1µ
RFI
RFO
LD
PD
10
10µ
+
+
+
+
VGA
VGA
VGA
VGA
2.2K
B+D
2K
CSBRT
2200p
VCC
Balance control
Balance control
RTIN
RTIN
2K
A+C
GND
ENVO
CFE
CTE
(inversion)
(inversion)
NRFDET
0.01µ
BH3515FV
Recommended Operating Conditions (Ta=25°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com