Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIS1200PSTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # AIS1200PSTR
Description  MEMS acceleration sensor: single-axis with PSI5 point-to-point interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS1200PSTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AIS1200PSTR Datasheet HTML 6Page - STMicroelectronics AIS1200PSTR Datasheet HTML 7Page - STMicroelectronics AIS1200PSTR Datasheet HTML 8Page - STMicroelectronics AIS1200PSTR Datasheet HTML 9Page - STMicroelectronics AIS1200PSTR Datasheet HTML 10Page - STMicroelectronics AIS1200PSTR Datasheet HTML 11Page - STMicroelectronics AIS1200PSTR Datasheet HTML 12Page - STMicroelectronics AIS1200PSTR Datasheet HTML 13Page - STMicroelectronics AIS1200PSTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Mechanical and electrical specifications
AIS1200PS
10/21
DocID024648 Rev 4
2.4
Sensor communication interface
The AIS1200PS is a single-axis accelerometer with a PSI5 v.1.3 asynchronous
communication interface (PSI5-A). PSI5-A describes a point-to-point connection for
unidirectional, asynchronous data transmission. The sensor is connected to the ECU by two
wires. After switching on the power supply, the sensor starts transmitting data to the ECU
periodically. Timing and repetition rate of the data transmission are controlled by the sensor.
2.4.1
Physical layer
PSI5 uses two wires for both power supplies to the sensors and data transmission. The
ECU provides a preregulated voltage to the sensor. Data transmission from the sensor to
the ECU is done by current modulation on the power supply lines. Current oscillations are
damped by the ECU.
Bit encoding is done by a “low” level (IS,Low) which is represented by the normal (quiescent)
current consumption of the sensor(s); a “high” level (IS,High) which is generated by an
increased current sink of the sensor (IS,Low + IS). The current modulation is detected within
the receiver ASIC.
Figure 4. Bit encoding using supply current modulation
Manchester coding is used for data transmission. A logic “0” is represented by a rising slope
and a logic “1” by a falling slope of the current in the middle of TBit (125 kbps  8 μs ± 5%).
2.4.2
Data link layer
Each AIS1200 PSI5 data frame consists of 13 bits containing two start bits and one parity bit
with even parity and 10 data bits. Data bits are transmitted LSB first. The data frames are
sent periodically from the sensor to the ECU at intervals Tref of 224 μs (typ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com