Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STHS34PF80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STHS34PF80
Description  Low-power, high-sensitivity infrared sensor for presence and motion detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS34PF80 Datasheet(HTML) 1 Page - STMicroelectronics

  STHS34PF80 Datasheet HTML 1Page - STMicroelectronics STHS34PF80 Datasheet HTML 2Page - STMicroelectronics STHS34PF80 Datasheet HTML 3Page - STMicroelectronics STHS34PF80 Datasheet HTML 4Page - STMicroelectronics STHS34PF80 Datasheet HTML 5Page - STMicroelectronics STHS34PF80 Datasheet HTML 6Page - STMicroelectronics STHS34PF80 Datasheet HTML 7Page - STMicroelectronics STHS34PF80 Datasheet HTML 8Page - STMicroelectronics STHS34PF80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
STHS34PF80
OLGA-10L
3.2 x 4.2 x 1.455 (max) mm
Features
Key features
High-sensitivity, infrared presence and motion sensor
Reach up to 4 meters without lens for objects of 70 x 25 cm² and up to 6 meters
for assumable human body size
Integrated silicon IR filter
SMD friendly
Capable of detecting stationary objects
Capable of distinguishing between stationary and moving objects
80° field of view
Factory calibrated
Low power
Embedded smart algorithm for presence / motion detection
Electrical specifications
Supply voltage: 1.7 V to 3.6 V
Supply current: 10 µA
2-wire I²C / 3-wire SPI serial interface
Programmable ODRs from 0.25 Hz to 30 Hz
One-shot mode
Sensing specifications
IR sensitivity: 2000 LSB/°C
Noise: 120 LSBp-p
Operating wavelength: 5 µm to 20 µm
Local temperature sensor accuracy: ±0.5 °C
Package specifications
Organic LGA 3.2 x 4.2 x 1.455 (max) mm, 10 leads
ECOPACK, RoHS and “Green” compliant
Applications
Alarm / Security systems
Home automation
Smart lighting
IoT
Smart lockers
Smart wall pads
Product status link
STHS34PF80
Product summary
Order code
STHS34PF80TR
Temperature
range [°C]
-40 to +85
Package
OLGA-10L
Packing
Tape and reel
Product resources
TN0018 (Design and soldering)
Product label
Low-power, high-sensitivity infrared sensor for presence and motion detection
STHS34PF80
Data brief
DB4312 - Rev 1 - December 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STHS34PF80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
STHS2375ADW6E STMICROELECTRONICS-STHS2375ADW6E Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
STHS2375ADW6F STMICROELECTRONICS-STHS2375ADW6F Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
STHS2375AM6E STMICROELECTRONICS-STHS2375AM6E Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
STHS2375AM6F STMICROELECTRONICS-STHS2375AM6F Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
More results

Similar Description - STHS34PF80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC Datasheet
803Kb / 34P
3-Axis Orientation/Motion Detection Sensor
logo
Panasonic Semiconductor
EKMB PANASONIC-EKMB Datasheet
1Mb / 6P
Passive Infrared Motion Sensor
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC_12 Datasheet
599Kb / 35P
3-Axis Orientation/Motion Detection Sensor
logo
Omron Electronics LLC
D6T OMRON-D6T Datasheet
699Kb / 6P
High Sensitivity Enables Detection of Stationary Human Presence
logo
Panasonic Semiconductor
AMN13112 PANASONIC-AMN13112 Datasheet
1Mb / 8P
MOTION SENSOR (PASSIVE INFRARED TYPE)
logo
List of Unclassifed Man...
EKMC ETC1-EKMC Datasheet
556Kb / 6P
Passive Infrared Motion Sensor
logo
Nais(Matsushita Electri...
AMN13111 NAIS-AMN13111 Datasheet
1Mb / 9P
MOTION SENSOR (PASSIVE INFRARED TYPE)
logo
NXP Semiconductors
MMA7660FC NXP-MMA7660FC Datasheet
705Kb / 35P
3-Axis Orientation/Motion Detection Sensor
Rev 8, 03/2012
logo
CINCON ELECTRONICS Corp...
MDS-P CINCON-MDS-P Datasheet
428Kb / 2P
Motion Detection Sensor
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com