Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS5L60SF Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPS5L60SF
Description  60 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L60SF Datasheet(HTML) 6 Page - STMicroelectronics

  STPS5L60SF Datasheet HTML 1Page - STMicroelectronics STPS5L60SF Datasheet HTML 2Page - STMicroelectronics STPS5L60SF Datasheet HTML 3Page - STMicroelectronics STPS5L60SF Datasheet HTML 4Page - STMicroelectronics STPS5L60SF Datasheet HTML 5Page - STMicroelectronics STPS5L60SF Datasheet HTML 6Page - STMicroelectronics STPS5L60SF Datasheet HTML 7Page - STMicroelectronics STPS5L60SF Datasheet HTML 8Page - STMicroelectronics STPS5L60SF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
E
6.35
6.50
6.65
0.250
0.256
0.262
E1
6.05
6.10
6.15
0.238
0.240
0.242
E2
4.50
4.60
4.70
0.177
0.181
0.185
E3
3.94
1.55
e
2.13
0.084
e1
3.33
0.131
G
1.20
0.047
G1
0.70
0.027
L
0.90
1.05
1.24
0.035
0.041
0.049
L4
0.02
0.0008
L5
0.02
0.0008
Figure 9. PSMC (TO-277A) package footprint in mm (in inches)
STPS5L60SF
PSMC (TO-277A) package information
DS12691 - Rev 1
page 6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com