Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L3751 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L3751
Description  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L3751 Datasheet HTML 16Page - STMicroelectronics L3751 Datasheet HTML 17Page - STMicroelectronics L3751 Datasheet HTML 18Page - STMicroelectronics L3751 Datasheet HTML 19Page - STMicroelectronics L3751 Datasheet HTML 20Page - STMicroelectronics L3751 Datasheet HTML 21Page - STMicroelectronics L3751 Datasheet HTML 22Page - STMicroelectronics L3751 Datasheet HTML 23Page - STMicroelectronics L3751 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Figure 19. FPWM output voltage ripple at zero load
6.7
Overcurrent protection
The current protection circuitry features a constant current protection to handle an exceptional dynamic load
request that can persist continuously for maximum 128 clock cycles. Within this time window, the device limits the
DC output current accordingly with valley current threshold programmed value with RILIM resistor, as shown in the
figure below.
Figure 20. RILIM resistor connection to define lossless and precise OCP setting
200 µA
SW
ILIM
RILIM
VIN
internal
internal
SW
ILIM
RILIM
100 µA
VIN
RSENSE
OCP lossless
OCP Precise
In case the overcurrent event is detected longer, the hiccup protection is triggered to limit the stress of the
external power components in case of continuous short-circuit event: the switching activity is prevented for 8192
clock cycles and the SS capacitor is discharged for a new soft-start cycle.
L3751
Overcurrent protection
DS13841 - Rev 1
page 20/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com