Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTH30RQ06L2Y Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTH30RQ06L2Y
Description  Automotive 600 V, 30 A ultrafast high voltage rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30RQ06L2Y Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STTH30RQ06L2Y Datasheet HTML 3Page - STMicroelectronics STTH30RQ06L2Y Datasheet HTML 4Page - STMicroelectronics STTH30RQ06L2Y Datasheet HTML 5Page - STMicroelectronics STTH30RQ06L2Y Datasheet HTML 6Page - STMicroelectronics STTH30RQ06L2Y Datasheet HTML 7Page - STMicroelectronics STTH30RQ06L2Y Datasheet HTML 8Page - STMicroelectronics STTH30RQ06L2Y Datasheet HTML 9Page - STMicroelectronics STTH30RQ06L2Y Datasheet HTML 10Page - STMicroelectronics STTH30RQ06L2Y Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Table 5. HU3PAK package mechanical data
Ref.
Dimensions
mm
Min.
Typ.
Max.
A
3.40
3.50
3.60
A1
0.05
b
0.50
0.60
0.70
b2
0.50
0.70
1.00
b3
0.80
0.90
1.00
c
0.40
0.50
0.60
c2
0.40
0.50
0.60
D
11.70
11.80
11.90
D1
8.80
8.955
9.10
E
13.90
14.00
14.10
E1
12.30
12.40
12.50
E2
7.75
7.80
7.85
e
BSC 1.27
H
18.00
18.58
19.00
L
2.40
2.52
2.60
L1
3.05
L2
0.90
1.00
1.10
L3
BSC 0.26
L4
0.075
0.125
0.175
L5
1.83
1.93
2.03
L6
2.14
2.24
2.34
L7
4.44
4.54
4.64
aaa
0.10
F1
2.90
3.00
3.10
F2
2.40
2.50
2.60
F3
0.25
0.35
0.45
N1
3.80
3.90
4.00
N2
0.25
0.30
0.45
N3
0.80
0.90
1.00
T
0.50
0.67
0.70
T2
9.18
9.38
9.43
θ1
0°
8°
θ2
0°
8°
1.
Package outline exclusive of any mold flashes dimensions.
2.
Package outline exclusive of burr dimensions.
3.
Max resin gate protrusion: 0.25 mm.
4.
The planarity of the package backside 50 micron max.
5.
BSC: basic spacing between centers
STTH30RQ06L2Y
HU3PAK package information
DS13273 - Rev 3
page 7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com