Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EGF1THE3/67A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EGF1THE3/67A
Description  Surface Mount Glass Passivated Ultrafast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EGF1THE3/67A Datasheet(HTML) 2 Page - Vishay Siliconix

  EGF1THE3/67A Datasheet HTML 1Page - Vishay Siliconix EGF1THE3/67A Datasheet HTML 2Page - Vishay Siliconix EGF1THE3/67A Datasheet HTML 3Page - Vishay Siliconix EGF1THE3/67A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
EGF1T
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88904
Revision: 13-May-08
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Note:
(1) Thermal resistance from junction to ambient and from junction to lead, P.C.B. mounted on 0.95 x 0.95" (24 x 24 mm) copper pad areas
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
EGF1T
UNIT
Maximum instantaneous forward voltage (1)
1.0 A
TJ = 25 °C
VF
3.0
V
Maximum DC reverse current (2)
VRM
TJ = 25 °C
TJ = 125 °C
IR
5.0
50
µA
Typical reverse recovery time
IF = 0.5 A, IR =1.0 A,
Irr = 0.25 A
trr
75
ns
Typical junction capacitance
4.0 V, 1 MHz
CJ
8.0
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
EGF1T
UNIT
Typical thermal resistance (1)
RθJA
RθJL
50
20
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
EGF1T-E3/67A
0.104
67A
1500
7" diameter plastic tape and reel
EGF1T-E3/5CA
0.104
5CA
6500
13" diameter plastic tape and reel
EGF1THE3/67A (1)
0.104
67A
1500
7" diameter plastic tape and reel
EGF1THE3/5CA (1)
0.104
5CA
6500
13" diameter plastic tape and reel
Figure 1. Maximum Forward Current Derating Curve
0
1.5
25
50
75
100
125
150
175
0.5
1.0
TL - Lead Temperature (°C)
Figure 2. Maximum Non-Repetitive Forward Surge Current
25
20
15
10
5
0
110
100
Number of Cycles



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com