Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B2-112421 Datasheet(PDF) 1 Page - OTTO Engineering, Inc

Part # B2-112421
Description  SUBMINIATURE BASIC SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OTTO [OTTO Engineering, Inc]
Direct Link  https://www.ottoexcellence.com/
Logo OTTO - OTTO Engineering, Inc

B2-112421 Datasheet(HTML) 1 Page - OTTO Engineering, Inc

  B2-112421 Datasheet HTML 1Page - OTTO Engineering, Inc B2-112421 Datasheet HTML 2Page - OTTO Engineering, Inc B2-112421 Datasheet HTML 3Page - OTTO Engineering, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SUBMINIATURE BASIC SWITCHES
BASIC
SWITCHES
B2
SINGLE BREAK, SNAP-ACTION, COMMERCIAL & MILITARY GRADES, SUBMINIATURE, TWO WIDTHS
Available in two widths, the B2 series can be specified to fit
your application exactly.
In addition to being available with integral actuating levers as
in the B2-5 series, the B2 series is also available with the A1
series auxiliary lever actuators as shown in the B3 section.
While the B2 series conforms to and is qualified to various
military specifications, the same switch can be specified
for commercial use at a cost savings.
A choice of turret, quick connect and three lengths of printed
circuit board style terminals are available for both the 0.156”
and 0.200” wide models.
Whether it be military or commercial applications, OTTO can
provide features you select for your application. You can specify
the features you require without paying for ones you don’t need.
The OTTO B2 subminiature switches conform to and are
qualified under MIL-PRF-8805/4, MIL-PRF-8805/106 (high
temp -55°C to +205°C) and MIL-PRF-8805/109. Basic switches
are designed for miniature spaces where cam or other limit
actuators are used on the button. In addition, a full range of
toggle, pushbutton and lever actuators are available.
Features:
• Choice of 0.156” & 0.200” wide models
• Up to 7 amps switching
• Sensitive movement differentials
• Low operating forces
• Choice of 8 terminal styles or wire leads
• Long operating life
• Qualified under MIL-PRF-8805/4, MIL-PRF-8805/106
& MIL-PRF-8805/109
• Momentary action
• UL recognized
• RoHS compliant
Solder Turret
Double Turret
PC Terminals
Right Angle
Quick Connect
ELECTRICAL RATINGS:
High Level Switch Ratings
Load
Rating – Sea Level
Rating – 50,000 feet
115VAC, 60Hz silver contacts with gold plate
Resistive
7A
N/A
Inductive
7A
N/A
Lamp
2A
N/A
28VDC, silver contacts with gold plate
Resistive
7A
4A
Inductive
4A
2.5A
Lamp
2.5A
2.5A
Low Level Switch Ratings
28VDC, gold plate contacts
Resistive
1A
1A
Inductive
0.5A
0.5A
Lamp
N/A
N/A
DWV:
1000Vrms
400Vrms
Electrical Life:
25,000 to 100,000 cycles (dependent on part number)
Mechanical Life:
50,000 to 250,000 cycles (dependent on part number)
Seal:
Unsealed
Operating Temp Range: -55°C to +85°C, high temp rating -55°C to +205°C
Operating Force:
5 oz or 6 oz
Release Force:
1 oz min
Operate Point:
0.320 +/- 0.015 inches from mounting holes
Overtravel:
0.004 inches min
Movement Differential: 0.006 inches max
Pretravel:
0.020 inches max
MATERIALS:
Case:
Thermoset, blue
Cover:
Thermoplastic, blue
Button:
Thermoplastic, black
Terminals:
Brass, gold over nickel
Contacts:
Stationary: Silver with gold
Moveable: Silver or gold
Terminal Hardware:
None provided
Optional Wires:
24 AWG blue, red, yellow
Mounting Hardware:
None provided
Standard Characteristics/Ratings:
.720 TYP.
.548 .020
.110
.130
TYP.
FREE POSITION
.466 .020
(.188)
Auxiliary Lever Actuators for B2
Catalog
Number
Number
of Poles
A1-115-01
1
A2-109
2
Supplied with two 2-56 panhead screws,
hex nuts and lockwashers.
For additional options, contact factory.
A1-115-01 Shown
Specifications Subject To Change Without Notice
www.otto-controls.com 9


Similar Part No. - B2-112421

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B2-1203D BOTHHAND-B2-1203D Datasheet
217Kb / 3P
0.6 to 1 Watt Isolated DC-DC Converter Dual Split Regulated Output
B2-1203DH BOTHHAND-B2-1203DH Datasheet
217Kb / 3P
0.6 to 1 Watt Isolated DC-DC Converter Dual Split Regulated Output
B2-1203S BOTHHAND-B2-1203S Datasheet
230Kb / 3P
0.6 to 1 Watt Isolated DC-DC Converter Dual Split Regulated Output
B2-1203SH BOTHHAND-B2-1203SH Datasheet
230Kb / 3P
0.6 to 1 Watt Isolated DC-DC Converter Dual Split Regulated Output
B2-1205D BOTHHAND-B2-1205D Datasheet
217Kb / 3P
0.6 to 1 Watt Isolated DC-DC Converter Dual Split Regulated Output
More results

Similar Description - B2-112421

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
Subminiature Basic Switch
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
Sealed Subminiature Basic Switch
SSG OMRON-SSG Datasheet
765Kb / 10P
Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
Subminiature Basic Switch
logo
Honeywell Solid State E...
US10D10A00 HONEYWELL-US10D10A00 Datasheet
3Mb / 94P
Basic Switches
logo
Honeywell Accelerometer...
23SX39-T HONEYWELL-ACC-23SX39-T Datasheet
328Kb / 6P
Basic Switches Subminiature
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
Basic Switches Subminiature
logo
Omron Electronics LLC
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
Ultra Subminiature Basic Switch
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
MICRO SWITCH??Sealed Subminiature Basic Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com