Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASR Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # ASR
Description  Anti-Surge Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

ASR Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  ASR Datasheet HTML 1Page - Stackpole Electronics, Inc. ASR Datasheet HTML 2Page - Stackpole Electronics, Inc. ASR Datasheet HTML 3Page - Stackpole Electronics, Inc. ASR Datasheet HTML 4Page - Stackpole Electronics, Inc. ASR Datasheet HTML 5Page - Stackpole Electronics, Inc. ASR Datasheet HTML 6Page - Stackpole Electronics, Inc. ASR Datasheet HTML 7Page - Stackpole Electronics, Inc. ASR Datasheet HTML 8Page - Stackpole Electronics, Inc. ASR Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev Date: 06/30/2021
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
ASR / ASRM Series
Anti-Surge Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Specifications - ASR
Features:
Excellent anti-surge characteristics
Stable characteristics through the resistance range
Good alternative to carbon composition resistors
Applications include power supplies, CRT’s, and anti-surge circuits
Cut and formed product is available on select sizes;
contact Stackpole for details
Flameproof coating per UL94 V-0
RoHS compliant, lead free and halogen free
REACH compliant
Electrical Specifications - ASR
Electrical Specifications - ASRM
5%
DC 1600
DC 2000
1000
3.3 - 510K
AC 1150
AC 1500
3000
560K - 12M
5000
3.3 - 510K
10000
560K - 12M
(1) Lesser of
or maximum working voltage.
(2) 10 discharges from a 0.01 µF capacitor every 5 seconds.
Ohmic Range (Ω) and
Tolerance
Dielectric
Withstand
Voltage (VAC)
400
0.25
Type/Code
Power Rating (W)
@ 70ºC
Maximum
Working Voltage
(1)
(V)
Maximum
Overload
Voltage (V)
ASR14
5000
1
500
Surge
Withstanding
(2)
(V)
ASR1
4000
√ P*R
5%
5000
3.3 - 510K
10000
560K - 12M
5000
3.3 - 510K
10000
560K - 12M
5000
3.3 - 510K
10000
560K - 12M
(1) Lesser of
or maximum working voltage.
(2) 10 discharges from a 0.01 µF capacitor every 5 seconds.
ASRM2
2
4000
5000
500
ASRM12
0.5
2000
2500
500
ASRM1
1
4000
5000
500
100K - 22M
ASRM14
0.25
500
1000
200
2000
Type/Code
Power Rating (W)
@ 70ºC
Maximum
Working
Voltage
(1) (V)
Maximum
Overload
Voltage (V)
Dielectric
Withstand
Voltage (VAC)
Surge
Withstanding
(2)
(V)
Ohmic Range (Ω) and
Tolerance
√ P*R
0.236 ± 0.012
0.091 ± 0.008
1.102 ± 0.118
0.022 ± 0.002
inches
6.00 ± 0.30
2.30 ± 0.20
28.00 ± 3.00
0.55 ± 0.05
mm
0.591 ± 0.039
0.197 ± 0.020
1.378 ± 0.118
0.031 ± 0.002
inches
15.00 ± 1.00
5.00 ± 0.50
35.00 ± 3.00
0.80 ± 0.05
mm
Body Diameter
Lead Length (Bulk)
Weight
(mg / pc)
1340
ASR1
Type/Code
Unit
A
Body Length
D
Lead Diameter
B
C
ASR14
210


Similar Part No. - ASR

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
ASR MITSUMI-ASR Datasheet
252Kb / 2P
Worldwide Input System Compact type AC Adaptors
logo
Advantech Co., Ltd.
ASR-1000K ADVANTECH-ASR-1000K Datasheet
497Kb / 1P
Flexible Expansion Module Fulfilling Various JBOD Demands
13-Sep-2017
ASR-1000K ADVANTECH-ASR-1000K Datasheet
496Kb / 1P
Flexible Expansion Module Fulfilling Various JBOD Demands
27-Jun-2018
ASR-1000K-00A1E ADVANTECH-ASR-1000K-00A1E Datasheet
497Kb / 1P
Flexible Expansion Module Fulfilling Various JBOD Demands
13-Sep-2017
ASR-1000K-00A1E ADVANTECH-ASR-1000K-00A1E Datasheet
496Kb / 1P
Flexible Expansion Module Fulfilling Various JBOD Demands
27-Jun-2018
More results

Similar Description - ASR

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR03 ROHM-ESR03 Datasheet
70Kb / 5P
Anti-surge thick film chip resistor
ESR25 ROHM-ESR25 Datasheet
72Kb / 5P
Anti-surge thick film chip resistor
logo
KOA Speer Electronics, ...
RCR25C KOA-RCR25C Datasheet
96Kb / 2P
anti-surge power type leaded resistor
logo
Rohm
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
Anti-surge thick film chip resistor
ESR03 ROHM-ESR03_09 Datasheet
169Kb / 4P
Anti-surge thick film chip resistor
ESR25 ROHM-ESR25_08 Datasheet
76Kb / 5P
Anti-surge thick film chip resistor
logo
MERITEK ELECTRONICS COR...
SRC MERITEK-SRC Datasheet
474Kb / 2P
Anti-Surge Resistor
logo
KOA Speer Electronics, ...
RCR50ENCT52A105J KOA-RCR50ENCT52A105J Datasheet
255Kb / 2P
anti-surge power type leaded resistor
logo
Bourns Electronic Solut...
CRS BOURNS-CRS Datasheet
370Kb / 4P
High Power Anti-Surge Chip Resistor
CRS-A BOURNS-CRS-A Datasheet
777Kb / 5P
High Power Anti-Surge Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com