Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CF2T10K2 Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # CF2T10K2
Description  Carbon Film Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CF2T10K2 Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  CF2T10K2 Datasheet HTML 1Page - Stackpole Electronics, Inc. CF2T10K2 Datasheet HTML 2Page - Stackpole Electronics, Inc. CF2T10K2 Datasheet HTML 3Page - Stackpole Electronics, Inc. CF2T10K2 Datasheet HTML 4Page - Stackpole Electronics, Inc. CF2T10K2 Datasheet HTML 5Page - Stackpole Electronics, Inc. CF2T10K2 Datasheet HTML 6Page - Stackpole Electronics, Inc. CF2T10K2 Datasheet HTML 7Page - Stackpole Electronics, Inc. CF2T10K2 Datasheet HTML 8Page - Stackpole Electronics, Inc. CF2T10K2 Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Rev Date: 3/3/2022
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CF / CFM Series
Carbon Film Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Specifications
Performance Characteristics
Test
Test Method
1
Ω ~ 91KΩ
100K
Ω ~ 910KΩ
1M
Ω ~ 22MΩ
1
Ω ~ 91KΩ
100K
Ω ~ 910KΩ
1M
Ω ~ 22MΩ
0.15
μ V/V
0.32
μ V/V
0.54
μ V/V
0.2
μ V/V
0.4
μ V/V
0.6
μ V/V
Short Time Overload
JIS C5201-1,
IEC60115-1, 4.13
Resistance to
Soldering Heat
JIS C5201-1,
IEC60115-1, 4.18
Rapid Change of
Temperature
JIS C5201-1,
IEC60115-1, 4.19
Terminal Strength
MIL-STD 202,
Method 211
< ± 0.2%
≤ ± (0.5% + 0.05Ω)
Damp Heat (Steady state)
JIS C5201-1,
IEC60115-1, 4.24
< ± 1.5%
R < 100KΩ: ≤ ± (3% + 0.05Ω)
R ≥ 100KΩ: ≤ ± (5% + 0.05Ω)
Operating temperature range is -55
C to +155C
< ± 0.3%
≤ ± (0.5% + 0.05Ω)
< ± 0.3%
≤ ± (1% + 0.05Ω)
Endurance at 70
°C
JIS C5201-1,
IEC60115-1, 4.25.1
< ± 1%
R < 100KΩ: ≤ ± (2% + 0.05Ω)
R ≥ 100KΩ: ≤ ± (3% + 0.05Ω)
Typical Result
Test Limit
Current Noise
MIL-STD 202,
Method 308
<
± 0.25%
≤ ± (0.75% + 0.05Ω)
0.016 ± 0.003
inches
0.130 ± 0.012
0.067 ± 0.012
0.40 ± 0.08
mm
3.30 ± 0.30
1.70 ± 0.30
0.018 ± 0.003
inches
0.45 ± 0.08
mm
0.126 ± 0.008
0.073 ± 0.008
0.018 ± 0.002
inches
3.20 ± 0.20
1.85 ± 0.20
0.45 ± 0.05
mm
0.236 ± 0.012
0.091 ± 0.012
0.022 ± 0.003
inches
6.00 ± 0.30
2.30 ± 0.30
0.55 ± 0.08
mm
0.126 ± 0.008
0.073 ± 0.008
1.102 ± 0.118
0.018 ± 0.002
inches
3.20 ± 0.20
1.85 ± 0.20
28.00 ± 3.00
0.45 ± 0.05
mm
0.016 ± 0.003
inches
0.130 ± 0.012
0.067 ± 0.012
0.40 ± 0.08
mm
3.30 ± 0.30
1.70 ± 0.30
0.018 ± 0.003
inches
0.45 ± 0.08
mm
0.022 ± 0.003
inches
0.335 ± 0.039
0.106 ± 0.020
0.55 ± 0.08
mm
8.50 ± 1.00
2.70 ± 0.50
0.028 ± 0.004
inches
0.70 ± 0.10
mm
0.236 ± 0.012
0.091 ± 0.012
0.022 ± 0.003
inches
6.00 ± 0.30
2.30 ± 0.30
0.55 ± 0.08
mm
0.433 ± 0.039
0.177 ± 0.020
1.181 ± 0.118
0.031 ± 0.004
inches
11.00 ± 1.00
4.50 ± 0.50
30.00 ± 3.00
0.80 ± 0.10
mm
0.354 ± 0.020
0.138 ± 0.020
1.102 ± 0.118
0.028 ± 0.002
inches
9.00 ± 0.50
3.50 ± 0.50
28.00 ± 3.00
0.70 ± 0.05
mm
0.591 ± 0.039
0.197 ± 0.020
1.339 ± 0.157
0.031 ± 0.004
inches
15.00 ± 1.00
5.00 ± 0.50
34.00 ± 4.00
0.80 ± 0.10
mm
Type/Code
CFQ
Unit
CF
A
Body Length
B
Body Diameter
C
Lead Length (Bulk)
Size
D - Lead Diameter
2
CFM
CFM, CFQM, CFFM
CF, CFQ
CFM, CFQM
1
CF
CF, CFQ
CF, CFF, CFQ, PCF
18
CFQM
CFF, CFQ
18
14
12
CFF
CFFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com