| Electronic Components Datasheet Search |
|
CSRT2010FT10R0-AS Datasheet(PDF) 5 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CSRT2010FT10R0-AS Datasheet(HTML) 5 Page - Stackpole Electronics, Inc. |
|
5 / 7 page ![]() Rev Date: 5/20/2022 5 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com/ Please confirm technical specifications before you order and/or use. CSRT_-AS Series Anti-sulfur Metal Film Low Resistance Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions Reel Specifications Packaging Specifications - Paper Tape Type/Code Unit inches mm inches mm inches mm inches mm 0.079 ± 0.020 0.531 ± 0.039 0.827 ± 0.039 2.362 ± 0.039 0.453 ± 0.079 7.008 ± 0.079 inches 2.00 ± 0.50 13.50 ± 1.00 21.00 ± 1.00 60.00 ± 1.00 11.50 ± 2.00 178.00 ± 2.00 mm 0.630 ± 0.079 inches 16.00 ± 2.00 mm 0.630 ± 0.079 inches 16.00 ± 2.00 mm 0.453 ± 0.079 inches 11.50 ± 2.00 mm 0.630 ± 0.079 inches 16.00 ± 2.00 mm 0.630 ± 0.079 inches 16.00 ± 2.00 mm CSRT0612_-AS CSRT1020_-AS CSRT1225_-AS CSRT2010_-AS CSRT2512_-AS M CSRT0603_-AS CSRT0805_-AS CSRT1206_-AS W CSRT1210_-AS A B C D CSRT0402_-AS Type/Code Unit 0.028 ± 0.004 0.047 ± 0.004 inches 0.70 ± 0.10 1.20 ± 0.10 mm 0.041 ± 0.008 0.071 ± 0.008 inches 1.05 ± 0.20 1.80 ± 0.20 mm 0.061 ± 0.008 0.091 ± 0.008 0.315 ± 0.008 0.069 ± 0.004 0.138 ± 0.002 inches 1.55 ± 0.20 2.30 ± 0.20 8.00 ± 0.20 1.75 ± 0.10 3.50 ± 0.05 mm 0.075 ± 0.008 0.120 ± 0.008 inches 1.90 ± 0.20 3.05 ± 0.20 mm 0.112 ± 0.008 0.120 ± 0.008 inches 2.85 ± 0.20 3.05 ± 0.20 mm 0.112 ± 0.008 0.120 ± 0.008 inches 2.85 ± 0.20 3.05 ± 0.20 mm CSRT0612_-AS CSRT1210_-AS B W E CSRT1206_-AS F CSRT0603_-AS CSRT0402_-AS CSRT0805_-AS A |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |