Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPCSMT2R2 Datasheet(PDF) 7 Page - Stackpole Electronics, Inc.

Part # LPCSMT2R2
Description  SMD Shielded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LPCSMT2R2 Datasheet(HTML) 7 Page - Stackpole Electronics, Inc.

  LPCSMT2R2 Datasheet HTML 1Page - Stackpole Electronics, Inc. LPCSMT2R2 Datasheet HTML 2Page - Stackpole Electronics, Inc. LPCSMT2R2 Datasheet HTML 3Page - Stackpole Electronics, Inc. LPCSMT2R2 Datasheet HTML 4Page - Stackpole Electronics, Inc. LPCSMT2R2 Datasheet HTML 5Page - Stackpole Electronics, Inc. LPCSMT2R2 Datasheet HTML 6Page - Stackpole Electronics, Inc. LPCSMT2R2 Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rev Date: 08/30/2019
7
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPCS Series
SMD Shielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
How to Order
PCS
Code
Code
Quantity
Code
Inductance
PCSH
6.2x6.6x3.0
M
1,500
1R1
1.1 uH
6.2x6.6x5.0
P
1,000
470
47 uH
7.3x7.3x3.4
500
101
100 uH
7.3x7.3x4.5
400
12x12x4.5
500
12x12x6.0
12x12x8.0
125
127
73
124
74
125, 127
124
H127
Size
High Current
62B
20%
T
13" Tape and Reel
62B
64B
+40%-20%
64B, 73, 74
Product Series
Code
Dimensions
(mm)
Tolerance
Packaging
Inductance
Standard
Tol
Description
1
2
3
4
5
6
7
8
9
10
11
P
C
S
6
2
B
M
T
1
0
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
L
P
C
S
2
6
2
4
M
T
1
R
1
-
H
P
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
Legacy Part Number:
Code
Dimension (mm) Code
Code
Quantity Code Inductance
Code
Description
6.2 x 6.6 x 3
M
1,500
1R1
1.1 uH
(blank)
Standard
6.2 x 6.6 x 5
470
47 uH
-LP
Low Profile
7.3 x 7.3 x 3.4
101
100 uH
-MP
Mid Profile
7.3 x 7.3 x 4.5
-HP
High Profile
12 x 12 x 4.5
500
-HC
High Current
12 x 12 x 6
12 x 12 x 8
12 x 12 x 10
300
12 x 12 x 8
500
Description
Size
1,000
400
Special
2624 (HP)
2929
2929 (HP)
4747 (LP)
2624
20%
4747 (HP)
4747 (HC)
4747 (MP)
2929
2929 (HP)
4747 (HP)
4747 (LP)
4747 (HC)
4747 (MP)
4747
Product Series
Tolerance
Inductance
2624
Tol
Size
Packaging
Description
Code
LPCS
SMD Shielded
Power Inductor
13" Tape
and Reel
T
4747
2624 (HP)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com