Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSRT2010JT10R0-AS Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # CSRT2010JT10R0-AS
Description  Anti-sulfur Metal Film Low Resistance Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRT2010JT10R0-AS Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  CSRT2010JT10R0-AS Datasheet HTML 1Page - Stackpole Electronics, Inc. CSRT2010JT10R0-AS Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRT2010JT10R0-AS Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRT2010JT10R0-AS Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRT2010JT10R0-AS Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRT2010JT10R0-AS Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRT2010JT10R0-AS Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev Date: 5/20/2022
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com/
Please confirm technical specifications before you order and/or use.
CSRT_-AS Series
Anti-sulfur Metal Film Low Resistance Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Low resistance/TCR/inductance
•
High precision current sensing
•
High power capability
•
Sulfur resistant
•
AEC-Q200 qualified
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Applications:
•
Consumer electronics
•
Computers
•
Telecom
•
Measuring instruments
•
Industrial / Power supplies
•
Battery management systems
Electrical Specifications
Electrical Specifications
– Wide Termination
0.5%
1%
5%
± 150
-
± 100
0.1 - 2
± 150
-
± 100
0.1 - 2
± 150
-
± 100
0.1 - 2
Type/Code
Power Rating (W)
@ 70ºC
Max Rated Current
(A)
Max Overload
(A)
Ohmic Range (Ω) and Tolerance
CSRT0612_-AS
1
10
22.36
0.01 - 0.019
0.02 - 2
TCR (ppm/ºC)
CSRT1020_-AS
2
14.14
31.62
0.01 - 0.019
0.02 - 2
CSRT1225_-AS
3
17.32
38.73
0.01 - 0.019
0.02 - 2
0.5%
1%
5%
± 100
± 50
± 100
± 50
± 100
± 50
± 100
± 50
± 100
± 50
CSRT2010_-AS
1.5
3.87
8.66
± 50
CSRT2512_-AS
2
4.47
10
± 50
3.16
7.07
CSRT0805_-AS
0.5
1
CSRT1210_-AS
4.47
10
1
4.47
10
CSRT1206_-AS
Power Rating (W)
@ 70ºC
Type/Code
Max Rated Current
(A)
Max Overload
(A)
TCR (ppm/ºC)
CSRT0603_-AS
CSRT0402_-AS
0.25
2.24
5
0.05 - 0.098
0.1 - 10
0.1 - 10
0.1 - 10
0.05 - 0.098
0.1 - 10
0.05 - 0.098
0.1 - 10
Ohmic Range (Ω) and Tolerance
0.05 - 0.098
0.05 - 0.098
0.1 - 10
6.32
2.83
0.4
0.1 - 10


Similar Part No. - CSRT2010JT10R0-AS

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CSRT2010 SEI-CSRT2010 Datasheet
367Kb / 8P
Thin Film Current Sensing Resistor
3/28/2022
CSRT2010DT10L0-UP SEI-CSRT2010DT10L0-UP Datasheet
367Kb / 8P
Thin Film Current Sensing Resistor
3/28/2022
CSRT2010DT10R0-UP SEI-CSRT2010DT10R0-UP Datasheet
367Kb / 8P
Thin Film Current Sensing Resistor
3/28/2022
CSRT2010DT98L0-UP SEI-CSRT2010DT98L0-UP Datasheet
367Kb / 8P
Thin Film Current Sensing Resistor
3/28/2022
CSRT2010FT10L0-UP SEI-CSRT2010FT10L0-UP Datasheet
367Kb / 8P
Thin Film Current Sensing Resistor
3/28/2022
More results

Similar Description - CSRT2010JT10R0-AS

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
JT-102 KOA-JT-102 Datasheet
287Kb / 3P
high heat resistance metal film chip resistor
logo
Riedon Powertron
ASC0402-100RF1 RIEDON-ASC0402-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC0603-100RF1 RIEDON-ASC0603-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC0805-100RF1 RIEDON-ASC0805-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC1206-100RF1 RIEDON-ASC1206-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
logo
Stackpole Electronics, ...
RMCA SEI-RMCA Datasheet
520Kb / 10P
Automotive Grade Anti-sulfur and AEC Compliant Thick Film Chip Resistor
5/17/2022
RNCA SEI-RNCA Datasheet
343Kb / 6P
Automotive Grade Anti-sulfur and AEC Compliant Thin Film Chip Resistor
5/17/2022
RNCP SEI-RNCP Datasheet
455Kb / 7P
High Power Anti-Sulfur Thin Film Chip Resistor
03/09/2020
logo
RFE international
RMP RFE-RMP Datasheet
339Kb / 4P
SMD RESISTOR ** ANTI-SULFUR
2014.01.13
RMS RFE-RMS Datasheet
729Kb / 4P
SMD RESISTOR ** ANTI-SULFUR
2012.12.20
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com