Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99ASC03G Datasheet(PDF) 65 Page - STMicroelectronics

Part # L99ASC03G
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03G Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L99ASC03G Datasheet HTML 61Page - STMicroelectronics L99ASC03G Datasheet HTML 62Page - STMicroelectronics L99ASC03G Datasheet HTML 63Page - STMicroelectronics L99ASC03G Datasheet HTML 64Page - STMicroelectronics L99ASC03G Datasheet HTML 65Page - STMicroelectronics L99ASC03G Datasheet HTML 66Page - STMicroelectronics L99ASC03G Datasheet HTML 67Page - STMicroelectronics L99ASC03G Datasheet HTML 68Page - STMicroelectronics L99ASC03G Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 70 page
background image
DocID029080 Rev 2
65/70
L99ASC03G
ST-SPI Protocol
69
4.4.14
Device Status Registers 5
Device Status Registers 5
Address:
0x15
Type:
R/C
4.4.15
Device Status Registers 6
Device Status Registers 6
Address:
0x16
Type:
R/C
7
6543210
—
VSOV
VSOVW
VSUV
—
VSREGOV
VSREGOVW
VSREGUV
GSB reported
—
DE
GW
DE
—
GW
GW
GW
Clear mode
—
Read & Clear
Read & Clear
Read & Clear
—
Read & Clear
Read & Clear
Read & Clear
Bit Bit description
[7] Reserved
[6] VSOV: VS overvoltage detected
[5] VSOVW: VS overvoltage warning detected
[4] VSUV: VS undervoltage detected
[3] Reserved
[2] VSREGOV: VSREG overvoltage detected
[1] VSREGOVW: VSREG overvoltage warning detected
[0] VSREGUV: VSREG undervoltage detected
7
6543210
ST(3)
ST(2)
ST(1)
CSAOC
SPI_FL
VSMSOV
VSMSOVW
VSMSUV
GSB reported
FE
FE
FE
GW/FE(1)
1. Depending on OCSHUTD bit
If OCSHUTD = 0, then GW
If OCSHUTD = 1, then FE
GW
DE
GW
GW
Clear mode
Read & Clear
Read & Clear
Read & Clear
Read & Clear
Read & Clear
Read & Clear
Read & Clear
Read & Clear
Bit Bit description
[7] ST(3): HS3 and LS3 driven active at the same time (forbidden state / shoot-through detection)
[6] ST(2): HS2 and LS2 driven active at the same time (forbidden state / shoot-through detection)
[5] ST(1): HS1 and LS1 driven active at the same time (forbidden state / shoot-through detection)
[4] CSAOC: CSA overcurrent event detected
[3] SPI_FL: CS timeout or wrong number of SCLK cycles (other than 0 or 16) detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com