Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ200G Datasheet(PDF) 40 Page - STMicroelectronics

Part # L99DZ200G
Description  Automotive front door device with LIN and CAN providing dual H-bridge driving
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ200G Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L99DZ200G Datasheet HTML 36Page - STMicroelectronics L99DZ200G Datasheet HTML 37Page - STMicroelectronics L99DZ200G Datasheet HTML 38Page - STMicroelectronics L99DZ200G Datasheet HTML 39Page - STMicroelectronics L99DZ200G Datasheet HTML 40Page - STMicroelectronics L99DZ200G Datasheet HTML 41Page - STMicroelectronics L99DZ200G Datasheet HTML 42Page - STMicroelectronics L99DZ200G Datasheet HTML 43Page - STMicroelectronics L99DZ200G Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 198 page
background image
Electrical specifications
L99DZ200G
40/198
DS13220 Rev 5
3.4.13
Heater
The voltages are referred to power ground and currents are assumed positive, when the
current flows into the pin. 6 V ≤ VS ≤ 28 V; Tj = -40 °C to 150 °C, unless otherwise specified.
3.4.14
H-bridge driver
The voltages are referred to power ground and currents are assumed positive, when the
current flows into the pin. 6 V ≤ VS ≤ 28 V; 6 V ≤ VSREG ≤ 28 V; Tj = -40°C to 150 °C, unless
otherwise specified.
Table 20. Heater
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.059
IGHheater
Average charge-current
(charge stage)
Tj = 25 °C
0.3
A
A.060
RGLheater
On-resistance (discharge-
stage)
VSLx = 0 V; IGHx = 50
mA; Tj = 25 °C
48
10
Ω
A.061
VSLx = 0 V; IGHx = 50
mA; Tj = 130 °C
11
14
Ω
A.062
VGHheater Gate-on voltage
VS = SH= 6 V;
ICP = 15 mA
VSHheater +
6
V
A.063
VS = SH = 12 V;
ICP = 15 mA
VSHheater +
8
VSHeater
+ 10
VSHeater
+ 11.5
V
A.064
RGSHeater
Passive gate-clamp
resistance
15
kΩ
A.065
TG(HL)xHL
Propagation delay time
high to low (switch mode)
VS = 13.5 V; VSHx = 0;
RG = 0 Ω; CG = 2.7 nF
1.5
µs
A.066
TG(HL)xLH
Propagation delay time
low to high (switch mode)
VS = 13.5 V; VSLx = 0;
RG = 0 Ω; CG = 2.7 nF
1.5
µs
A.067 t0GHheaterr Rise time (switch mode)
VS = 13.5 V;
VSheater = 0; RG = 0 Ω;
CG = 2.7 nF
45
ns
A.068 t0GHheaterf Fall time (switch mode)
VS = 13.5 V;
VSheater = 0; RG = 0 Ω;
CG = 2.7 nF
85
ns
Table 21. H-bridge driver
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Drivers for external high-side PowerMOS
A.069
IGHx(Ch)
Average charge
current (charge
stage)
Tj = 25 °C
0.3
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com