Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LD21 Datasheet(PDF) 61 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 57Page - STMicroelectronics L99LD21 Datasheet HTML 58Page - STMicroelectronics L99LD21 Datasheet HTML 59Page - STMicroelectronics L99LD21 Datasheet HTML 60Page - STMicroelectronics L99LD21 Datasheet HTML 61Page - STMicroelectronics L99LD21 Datasheet HTML 62Page - STMicroelectronics L99LD21 Datasheet HTML 63Page - STMicroelectronics L99LD21 Datasheet HTML 64Page - STMicroelectronics L99LD21 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
DS11130 Rev 5
61/73
L99LD21
Electrical specifications
72
Figure 13. VLED x TOFF vs DAC code
Table 41. VLEDxTOFF constants
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VLEDxTOFF1
OR
VLEDxTOFF2
Constant product led
output voltage off time
(see Figure 13 -
parameter vs DAC
code)
CR#2<11:8> OR CR#2<7:4> = [0000]b
—
10
—
V*µs
CR#2<11:8> OR CR#2<7:4> = [0001]b
—
12
—
V*µs
CR#2<11:8> OR CR#2<7:4> = [0010]b
—
14
—
V*µs
CR#2<11:8> OR CR#2<7:4> = [0011]b
—
16
—
V*µs
CR#2<11:8> OR CR#2<7:4> = [0100]b
—
18
—
V*µs
CR#2<11:8> OR CR#2<7:4> = [0101]b
—
20
—
V*µs
CR#2<11:8> OR CR#2<7:4> = [0110]b
—
22
—
V*µs
CR#2<11:8> OR CR#2<7:4> = [0111]b
—
24
—
V*µs
CR#2<11:8> OR CR#2<7:4> = [1000]b
—
28
—
V*µs
CR#2<11:8> OR CR#2<7:4> = [1001]b
—
32
—
V*µs
CR#2<11:8> OR CR#2<7:4> = [1010]b
—
36
—
V*µs
CR#2<11:8> OR CR#2<7:4> = [1011]b
—
40
—
V*µs
CR#2<11:8> OR CR#2<7:4> = [1100]b
—
48
—
V*µs
CR#2<11:8> OR CR#2<7:4> = [1101]b
—
56
—
V*µs
CR#2<11:8> OR CR#2<7:4> = [1110]b
—
64
—
V*µs
CR#2<11:8> OR CR#2<7:4> = [1111]b
—
72
—
V*µs
VLEDxTOFFx
Accuracy
VLED_SHTmin ≤ VLEDx ≤ 5 V
-13
—
13
%
5 V < VLEDx ≤ 7 V
-9.5
—
9.5
VLEDx > 7 V
-8
—
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com