| Electronic Components Datasheet Search |
|
SPSB081 Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB081 Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 135 page ![]() Version Function Comments Operating modes Active mode V1_standby static mode (cyclic sense) VBAT_standby static mode (cyclic sense) 3.4.5 Wake-up Off Active Active(3) 3.4.6 HS-cyclic supply Oscillator time base On/Off On (2)/Off On (2)/Off 3.4.7 LIN LIN 2.2a On (2) Off Off(4) 3.4.8 CAN FD On/Off Off(4) Off(4) 3.4.9 Oscillator On On/Off On/Off(6) 3.4.10 Vs monitor On On/Off (7) On/Off (7) 3.4.11 OUT1 (P-channel HS) On/Off(2) On/Off(2) On/Off(2) 3.4.12 OUT2 (P-channel HS) On/Off(2) On/Off(2) On/Off(2) 3.4.13 OUT3 (P-channel HS) On/Off(2) On/ Off(2) On/ Off(2) 3.4.14 OUT4 (P-channel HS) On/Off(2) On/ Off(2) On/ Off(2) 3.4.15 Thermal shutdown TSD2 On On Off 3.4.16 Thermal shutdown TSD1x (for P- channel HS) On On (8) On/Off(2) 1. Supply the processor in low current mode. 2. According to SPI setting 3. Unless disabled by SPI 4. The bus state is internally stored when going to standby mode. A change of bus state will lead to a wake-up after exceeding of internal filter time (if wake up by LIN or CAN is not disabled by SPI). 5. After power-on, the CAN FD transceiver is in ‘CAN Trx standby’ mode. It is activated by SPI command (CAN_ACT = 1) 6. ON, if is enabled at least one of the following: Cyclic sense, OUT1, OUT2, OUT3, OUT4, V2. 7. ON when at least one OUTx is enabled and OFF when OUTx are disabled. 8. V1, V2, OUT1, OUT2, OUT3, and OUT4 are thermal monitored. SPSB081 Functional overview (truth table) DS14048 - Rev 1 page 19/135 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |