Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSSH2728JTR120 Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # CSSH2728JTR120
Description  Ultra-precision Metal Alloy Current Sensing Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSSH2728JTR120 Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

Back Button CSSH2728JTR120 Datasheet HTML 2Page - Stackpole Electronics, Inc. CSSH2728JTR120 Datasheet HTML 3Page - Stackpole Electronics, Inc. CSSH2728JTR120 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSSH2728JTR120 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSSH2728JTR120 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSSH2728JTR120 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSSH2728JTR120 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSSH2728JTR120 Datasheet HTML 9Page - Stackpole Electronics, Inc. CSSH2728JTR120 Datasheet HTML 10Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Rev Date: 7/29/2022
6
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSS / CSSH Series
Ultra-precision Metal Alloy Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Performance
Environmental Performance
Test Item
Test Method
Test Specifications
Test Condition
0201 - 0805 = ± 1% + 0.5mΩ
CSSH0805 and ≥ 1206 = ± 0.5% + 0.5mΩ
CSSH3637 = ± 0.5% + 0.5mΩ
Jumper = < Rmax
≤ ± 0.5%
≤ ± 0.5%
Mechanical Shock
JIS C 5202 6.7
± 1% + 0.5mΩ
a = 50 G, t = 11 ms, 5 times shock
260 ± 5°C for 10 ± 1 seconds
JIS C 5201-1 4.18
Resistance to Solder
Heat
The resistor shall be mounted by its terminal leads
to the supporting terminals on the solid table.
The entire frequency range from 10 Hz to 55 Hz
and return to 10 Hz, shall be transferred in 1 minute.
Amplitude: 1.5 mm - This motion shall be applied for
a period of 4 hours in each 3 mutually perpendicular
directions (a total of 12 hours)
No evidence of mechanical damage
JIS C 5201-1 4.22
Vibration
245 ± 5°C for 3 ± 0.5 seconds
Solderability
JIS C 5201-1 4.17
> 95 % coverage
The tested resistor is immersed into isopropyl alcohol of 20
~ 25°C for 60 seconds, then the resistor is left in the room
for 48 hours.
JIS C 5201-1 4.29
Resistance to Solvent
No evidence of mechanical damage
Substrate Bending
JIS C 5201-1 4.33
± 1% + 0.5mΩ
CSSH3637 = ± 0.5% + 0.5mΩ
Span between fulcrums: 90 mm Bend width: 2 mm
Test Item
Test Method
Test Specifications
Test Condition
0201 - 0805 = ± 1% + 0.5mΩ
≥ 1206 = ± 0.5%
0201 - 0805 = ± 1% + 0.5mΩ
1000 hours at + 155°C ± 2°C
CSSH0805 = ± 1%
CSSH3637 = ± 1% + 0.5mΩ
≥ 1206 = ± 1%
0201 Jumper: < Rmax
1000 hours at + 125°C ± 2°C
0201 = -55°C to +125°C, 100 cycles
0402 - 0805 = -55°C +155°C, 100 cycles
CSSH0805 = ± 0.5%
CSSH3637 = ± 0.5% + 0.5mΩ
Lowest temperature: -55 +0/-10°C
Highest temperature: 150 + 10/-0°C
0201 - 0805 = ± 2% + 0.5mΩ
T = 40 ± 2°C , RH = 90~95%, Load with Rated Current
0201 Jumper = < R max
1.5 hours "ON", 0.5 hours "OFF", 1000 hours
CSSH0805 = ± 0.5%
CSSH3637 = ± 0.5% + 0.5mΩ
≥ 1206 = ± 0.5%
0201 - 0805 = ± 2% + 0.5mΩ
0201 Jumper = R max
CSSH0805 = ± 1%
CSSH3637 = ± 1% + 0.5mΩ
1206 - 2728 = ± 1%
4527 = ± 2%
1000 hours at -55°C ± 2°C
JIS C 5201-1 4.23.4
Low Temperature
Exposure (Storage)
-55°C to +150°C, 100 cycles
High Temperature
Exposure (Storage)
JIS C 5201-1 4.23.2
1000 hours at +170°C ± 5°C
0201 - 0805 = ± 1% + 0.5mΩ
JIS C 5201-1 4.19
Temperature Cycling
≥ 1206 = ± 0.5%
Load Life
JIS C 5201-1 4.25
T = 70 ± 2°C, load with Rated Current
1.5 hours "ON", 0.5 hours "OFF", 1000 hours
1000 hours at +85°C / 85% R.H., 10% of operating power
1.5 hours "ON" and 0.5 hours "OFF
JIS C 5201-1 4.24
Biased Humidity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com