Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB081C5-TR Datasheet(PDF) 73 Page - STMicroelectronics

Part # SPSB081C5-TR
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C5-TR Datasheet(HTML) 73 Page - STMicroelectronics

Back Button SPSB081C5-TR Datasheet HTML 69Page - STMicroelectronics SPSB081C5-TR Datasheet HTML 70Page - STMicroelectronics SPSB081C5-TR Datasheet HTML 71Page - STMicroelectronics SPSB081C5-TR Datasheet HTML 72Page - STMicroelectronics SPSB081C5-TR Datasheet HTML 73Page - STMicroelectronics SPSB081C5-TR Datasheet HTML 74Page - STMicroelectronics SPSB081C5-TR Datasheet HTML 75Page - STMicroelectronics SPSB081C5-TR Datasheet HTML 76Page - STMicroelectronics SPSB081C5-TR Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 135 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit Item
VTHhys
Receiver threshold hysteresis:
VTHrec -VTHdom
0.07*
VSREG
0.1*
VSREG
0.175*
VSREG
V
E.081
VTHcnt
Receiver tolerance center value:
(VTHrec +VTHdom)/2
0.475*
VSREG
0.5*
VSREG
0.525*
VSREG
V
E.082
VTHwkup
Receiver wakeup threshold
activation voltage (rising edge)
0.5*
VSREG
0.55*
VSREG
0.6*
VSREG
V
E.083
VTHwkdwn
Receiver wakeup threshold
activation voltage(falling edge)
0.4*
VSREG
0.45*
VSREG
0.5*
VSREG
V
E.084
tlinbus
LIN Bus wake-up dominant filter
time
Sleep mode; edge: rec-
dom; tested by scan
40
64
80
μs
E.085
tdom_LIN
LIN Bus wake-up dominant filter
time
Sleep mode; edge: rec-
dom-rec; tested by scan
28
μs
E.086
ILINDomSC
Transmitter input current limit in
dominant state
VTXD=VTXDLOW;
VLIN=VBAT=18 V
40
100
180
mA E.087
Ibus_PAS_dom
Input leakage current at the
receiver incl. pull-up resistor
VTXD=VTXDHIGH;
VLIN=0 V; VBAT=12 V *)
*) slave mode
-1
mA E.088
Ibus_PAS_rec
Transmitter input current in
recessive state
In standby modes;
VTXD=VTXDHIGH;
VLIN > 8 V
VBAT<18 V; VLIN>=VBAT
20
μA
E.089
Ibus_NO_GND
Input current if loss of GND at
device
GND=VSREG;
0V<VLIN<18V;
VBAT=12 V
-1
1
mA E.090
Ibus
Input current if loss of VBAT at
device
GND=VSREG;
0V<VLIN<18 V
30
μA
E.091
VLINdom
LIN voltage level in dominant
state
Active mode;
VTXD=VTXDLOW; Rbus =
500 Ω
1.2
V
E.092
VLINrec
LIN voltage level in recessive
state
Active mode;
VTXD=VTXDHIGH; ILIN=10
uA
0.8*
VSREG
V
E.093
RLINup
LIN output pulls up resistor
VLIN=0 V
20
40
60
kΩ
E.094
CLIN(1)
LIN input capacitance
30
pF
E.095
1. Guaranteed by design.
Table 54. LIN transceiver timing
Symbol
Parameter
Condition
Min
Typ Max Unit Item
tRXpd
Receiver
propagation
delay time
tRXpd=max (tRXpdr,tRXpdf);
tRXpdf=t(0.5 VRXD)-t(0.45 VLIN);
tRXpdr=t(0.5 VRXD)-t(0.55 VLIN);
VSREG=12 V; CRXD=20 pF;
Rbus = 1k Ω, Cbus = 1 nF;
Rbus = 660 Ω, Cbus = 6.8 nF; Rbus = 500 Ω, Cbus = 10nF
6
μs
E.096
SPSB081
LIN transceiver (only for SPSB0815 & SPSB0813)
DS14048 - Rev 1
page 73/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com