Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSSH0402DTL250 Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # CSSH0402DTL250
Description  Ultra-precision Metal Alloy Current Sensing Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSSH0402DTL250 Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  CSSH0402DTL250 Datasheet HTML 1Page - Stackpole Electronics, Inc. CSSH0402DTL250 Datasheet HTML 2Page - Stackpole Electronics, Inc. CSSH0402DTL250 Datasheet HTML 3Page - Stackpole Electronics, Inc. CSSH0402DTL250 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSSH0402DTL250 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSSH0402DTL250 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSSH0402DTL250 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSSH0402DTL250 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSSH0402DTL250 Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Rev Date: 7/29/2022
5
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSS / CSSH Series
Ultra-precision Metal Alloy Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Performance Characteristics (cont.)
Power Derating Curve
:
Test
Test Method
Test Specification
Test Condition
The number of rated power are as follows:
Rating power duration: 5 seconds.
Operating Temperature Range for size CSSH0805, CSSH3637 is -55°C to +170°C.
Operating Temperature Range for sizes CSS0402, CSS0603 and CSS0805 is -55°C to +155°C.
Operating Temperature Range for sizes CSS1206 - CSS4527, CSSH 2512 and CSSH 2728 is -55°C to +225°C.
Operating Temperature Range for size CSS0201 is -55°C to +125°C.
Applied 500 VAC for 1 minute and limit surge
current 50 mA (max)
Dielectric
Withstanding Voltage
JIS-C-5201-1 4.7
No short or burned in the appearance.
Put the resistor in the fixture, add 100 VDC in
terminal for 60 seconds then measure the
insulation resistance between electrodes and
insulating enclosure or between electrodes
and base material
≥ 10
9 Ω
JIS-C-5201-1 4.6
Insulation Resistance
JIS C 5201-1 4.13
Short Time Overload
Size
Power (W)
CSS0201
0.2
2.5 times
CSS0402
0.33
2.5 times
CSS0603
0.33
2.5 times
CSS0508
1
2.5 times
CSS0805
0.5
2.5 times
CSSH0805
1
4 times
CSS1206
1
5 times
CSS2010
1
5 times
CSS2512
2
5 times
CSSH2512
3
5 times
CSS2725
4
5 times
CSS2728
3
5 times
CSSH2728
4
5 times
CSS4527
5
5 times
CSSH3637
7
5 times
Rated Power
Size
Power (W) Max. R Change
CSS0201
0.2
≤ ± 0.5
CSS0402
0.33
± 1% + 0.5mΩ
CSS0603
0.33
± 1% + 0.5mΩ
CSS0508
1
± 1% + 0.5mΩ
CSS0805
0.5
± 1% + 0.5mΩ
CSSH0805
1
≤ ± 1%
CSS1206
1
≤ ± 0.5
CSS2010
1
≤ ± 0.5
CSS2512
2
≤ ± 0.5
CSSH2512
3
≤ ± 0.5
CSS2725
4
≤ ± 0.5
CSS2728
3
≤ ± 0.5
CSSH2728
4
≤ ± 0.5
CSS4527
5
≤ ± 2%
CSSH3637
7
≤ 0.5% + 0.5mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com