Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F39-TGR-CVL-B-10-R Datasheet(PDF) 86 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-10-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-10-R Datasheet(HTML) 86 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-10-R Datasheet HTML 82Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 83Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 84Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 85Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 86Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 87Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 88Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 89Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 90Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 98 page
background image
68
Accessories
Section 15-9
15-9-3 Standard Cables
15-9-4 Interconnect Cables
Note Max length of interconnect cable 10 m
Combination Example:
Receiver Cables
F39-JMR-10M
Receiver Cable, 10 m length
F39-JMR-15M
Receiver Cable, 15 m length
F39-JMR-30M
Receiver Cable, 30 m length
F39-JMR-50M
Receiver Cable, 50 m length
Transmitter Cables
F39-JMT-10M
Transmitter Cable, 10 m length
F39-JMT-15M
Transmitter Cable, 15 m length
F39-JMT-30M
Transmitter Cable, 30 m length
F39-JMT-50M
Transmitter Cable, 50 m length
Receiver Cables
F39-JMCR-03M
Receiver Interconnect Cable, 0,3 m length
F39-JMCR-05M
Receiver Interconnect Cable, 0,5 m length
F39-JMCR-1M
Receiver Interconnect Cable, 1,0 m length
F39-JMCR-2M
Receiver Interconnect Cable, 2,0 m length
F39-JMCR-3M
Receiver Interconnect Cable, 3,0 m length
F39-JMCR-5M
Receiver Interconnect Cable, 5,0 m length
F39-JMCR-10M
Receiver Interconnect Cable, 10 m length
Transmitter Cables
F39-JMCT-03M
Transmitter Interconnect Cable, 0,3 m length
F39-JMCT-05M
Transmitter Interconnect Cable, 0,5 m length
F39-JMCT-1M
Transmitter Interconnect Cable, 1,0 m length
F39-JMCT-2M
Transmitter Interconnect Cable, 2,0 m length
F39-JMCT-3M
Transmitter Interconnect Cable, 3,0 m length
F39-JMCT-5M
Transmitter Interconnect Cable, 5,0 m length
F39-JMCT-10M
Transmitter Interconnect Cable, 10 m length
Transmitter Master/Slave
10 m -> Slave 1
10 m -> Slave 2
10 m -> Slave 3
Receiver Master/ Slave
10 m -> Slave 1
10 m -> Slave 2
10 m -> Slave 3
30 m -> RM6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com