Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDA803D Datasheet(PDF) 57 Page - STMicroelectronics

Part # FDA803D
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D Datasheet(HTML) 57 Page - STMicroelectronics

Back Button FDA803D Datasheet HTML 53Page - STMicroelectronics FDA803D Datasheet HTML 54Page - STMicroelectronics FDA803D Datasheet HTML 55Page - STMicroelectronics FDA803D Datasheet HTML 56Page - STMicroelectronics FDA803D Datasheet HTML 57Page - STMicroelectronics FDA803D Datasheet HTML 58Page - STMicroelectronics FDA803D Datasheet HTML 59Page - STMicroelectronics FDA803D Datasheet HTML 60Page - STMicroelectronics FDA803D Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
DocID031487 Rev 2
57/78
FDA803D
I2C bus interface
77
14
I2C bus interface
Data transmission from microprocessor to the FDA803D and viceversa takes place through
the 2 wires I2C bus interface, consisting of the two lines SDA and SCL (pull-up resistors to
positive supply voltage must be connected).
When I2C bus is active any operating mode of the IC may be modified and the diagnostic
may be controlled and results read back.
The protocol used for the bus is depicted in Figure 69 and comprises:
a start condition (S)
a chip address byte (the LSB bit determines read/write transmission)
a subaddress byte
a sequence of data (N-bytes + acknowledge)
a stop condition (P)
Figure 69. I2C bus protocol description
1.
The I2C addresses are:
Address 1 = 1110000
Address 2 = 1110001
Address 3 = 1110010
Address 4 = 1110011
Address 5 = 1110100
Address 6 = 1110101
Address 7 = 1110110
Address 8 = 1110111
Description:
S = Start
R/W = '0' => Receive-Mode (Chip could be programmed by μP)
I = Auto increment; when 1, the address is automatically incremented for each
byte transferred
X: not used
A = Acknowledge
P = Stop
MAX CLOCK SPEED 400kbit/sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com