Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDA803D-EHT Datasheet(PDF) 10 Page - STMicroelectronics

Part # FDA803D-EHT
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D-EHT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button FDA803D-EHT Datasheet HTML 6Page - STMicroelectronics FDA803D-EHT Datasheet HTML 7Page - STMicroelectronics FDA803D-EHT Datasheet HTML 8Page - STMicroelectronics FDA803D-EHT Datasheet HTML 9Page - STMicroelectronics FDA803D-EHT Datasheet HTML 10Page - STMicroelectronics FDA803D-EHT Datasheet HTML 11Page - STMicroelectronics FDA803D-EHT Datasheet HTML 12Page - STMicroelectronics FDA803D-EHT Datasheet HTML 13Page - STMicroelectronics FDA803D-EHT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
Pins description
FDA803D
10/78
DocID031487 Rev 2
3
Pins description
Figure 2. Pins connection diagram
Table 2. Pins list function
Pin #
Pin name
Function
1
TAB
Device slug connection
2
GNDM
Channel half bridge minus, Power Ground
3
VCCM
Channel half bridge minus, Power Supply
4
OUTM
Channel half bridge minus, Output
5
OUTM
Channel half bridge minus, Output
6
FBM
Channel half bridge minus, Feedback
7
NC
Not connected
8
DGnd
Digital ground
9
DVdd
Digital supply
10
Enable1
Enable 1
11
Enable2
Enable 2
12
Enable3
Enable 3
13
Enable4
Enable 4
14
NC
Not connected
15
CDDiag
Clipping detector and diagnostic output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com