Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFDA801A Datasheet(PDF) 8 Page - STMicroelectronics

Part # HFDA801A
Description  4 x 80W digital input class-D automotive audio amplifier with Hi-Fi audio quality, advanced diagnostics, 2 MHz switching frequency and High Resolution Bandwidth
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HFDA801A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HFDA801A Datasheet HTML 4Page - STMicroelectronics HFDA801A Datasheet HTML 5Page - STMicroelectronics HFDA801A Datasheet HTML 6Page - STMicroelectronics HFDA801A Datasheet HTML 7Page - STMicroelectronics HFDA801A Datasheet HTML 8Page - STMicroelectronics HFDA801A Datasheet HTML 9Page - STMicroelectronics HFDA801A Datasheet HTML 10Page - STMicroelectronics HFDA801A Datasheet HTML 11Page - STMicroelectronics HFDA801A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
3
General description
HFDA801A is a fully digital single chip class-D amplifier with high immunity to the demodulation filter effects. The
high integration level and the on-board signal processing allow excellent audio performance to be achieved.
Thanks to the digital input and to the feedback strategy in the power stage, HFDA801A makes the amplifier
immune from the output filter components non-linearity. The number and size of the external components are
minimized.
HFDA801A includes: digital I2C and I2S interfaces, internal 24 bits DAC conversion, digital signal processing
for interpolation and noise shaping, innovative self-diagnostic functions and automatic detection of wrong load
connections or variation of the load, internal PLL for a clock generation. Moreover HFDA801A provides a
breakthrough innovative digital impedance-meter which can communicate via I2C the output load value.
3.1
Feedback topology and switching frequency
HFDA801A adopts an innovative feedback topology, where the LC filter is included in the feedback loop making
the amplifier highly insensitive to the characteristics of such demodulation circuit. This solution optimizes the
system performance in terms of THD and frequency response in any load condition.
Regardless of the big phase shifting introduced by the output filter the device shows an adequate phase margin
for any load condition. The system stability has been designed considering:
•
PWM switching variation (from 2.1 MHz to 2.3 MHz)
•
Silicon temperature variation (from -40 to 150 °C)
•
Load variation (both inductive and capacitive considered)
•
LC demodulator filter variation and tolerance
•
Voltage supply variation (from 4.5 to 2518 V)
–
Minimum Supply Voltage level during Turn-On transition = 5 V
The system has been designed to guarantee a phase margin > 45 degrees for any working condition.
The new feedback topology assures a strong control of voltage and current across the load making the diagnostic
load detection reliable. Moreover, this topology allows to reach exceptionally good values of output damping
factor.
3.2
PWM frequencies
HFDA801A PWM frequency is well above the AM band, avoiding by architecture the EMC interference of
PWM switching first harmonic. Moreover, this choice permits to optimize the size and cost of the external LC
demodulation filter.
The PWM frequency depends on the I2S WS frequency as reported in the table below:
Table 4. PWM frequency relation with I2S WS frequency
WS Frequency [kHz]
Nominal PWM Frequency [MHz]
44.1
2.1168
48
2.304
96
2.304
192
2.304
3.3
Load possibilities
HFDA801A supports several load possibilities and configurations. The default configuration is suitable for a
4-channels application (front/rear – left/right): 4 x 4 Ω (up to 18 V).. By means of the I2C bus bit IB1-d7,d6 it
is possible to choose a 2-channels solution with parallel outputs (left/right) or a 2.1 configuration for sub-woofer
application.
HFDA801A
General description
DB4402 - Rev 1
page 8/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com