Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9961-TR Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9961-TR
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961-TR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9961-TR Datasheet HTML 43Page - STMicroelectronics L9961-TR Datasheet HTML 44Page - STMicroelectronics L9961-TR Datasheet HTML 45Page - STMicroelectronics L9961-TR Datasheet HTML 46Page - STMicroelectronics L9961-TR Datasheet HTML 47Page - STMicroelectronics L9961-TR Datasheet HTML 48Page - STMicroelectronics L9961-TR Datasheet HTML 49Page - STMicroelectronics L9961-TR Datasheet HTML 50Page - STMicroelectronics L9961-TR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
5.2
Cell voltage sensing and balancing circuit
Figure 17. Cell voltage sensing and balancing circuit
GADG220620221356SA
Cx
Cx-1
RLPF
RLPF
CLPF
Table 34. Typical BOM for cell voltage sensing and balancing circuit
Components Value Unit
Max.
tolerance
Rating
Comments
RLPF
39
Ω
10%
1/8 W
LPF resistor for cell voltage measurement. It is used also to limit
the balancing current. The differential filter cut-off frequency is
fC= 1
4πRLPFCLPF
CLPF
470
nF
10%
16 V
LPF capacitor for cell voltage measurement. The differential filter cut-
off frequency is
fC= 1
4πRLPFCLPF
5.3
Current sense circuit
Figure 18. Current sense circuit
GADG220620221357SA
CISENSE_CM
CISENSE_CM
CISENSE_1
CISENSE_2
RISENSE
RISENSE
L9961
ISENSEP
ISENSEM
Table 35. Typical current sense BOM
Components Value Unit
Max.
tolerance
Rating
Comments
RSHUNT
9
mΩ
1%
3 W
Shunt resistor used for current sensing and coulomb counting. Rating
depends on the maximum battery current (RSHUNT * ISENSE_MAX2).
Different RSHUNT values are possible as long as RSHUNT * ISENSE stays
in the differential measurement range [-200; +200] mV and the ISENSEp/
ISENSEm AMR are not violated
L9961
Cell voltage sensing and balancing circuit
DS14012 - Rev 1
page 47/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com