Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPA003 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPA003
Description  4 x 52 W quad bridge power amplifier with high side driver and low voltage operation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA003 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STPA003 Datasheet HTML 4Page - STMicroelectronics STPA003 Datasheet HTML 5Page - STMicroelectronics STPA003 Datasheet HTML 6Page - STMicroelectronics STPA003 Datasheet HTML 7Page - STMicroelectronics STPA003 Datasheet HTML 8Page - STMicroelectronics STPA003 Datasheet HTML 9Page - STMicroelectronics STPA003 Datasheet HTML 10Page - STMicroelectronics STPA003 Datasheet HTML 11Page - STMicroelectronics STPA003 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Pin description
STPA003
8/25
DS10473 Rev 2
2
Pin description
Figure 5. Pin connections (top view)
GAPGPS02057
TAB
PW-GND2
OUT2-
ST-BY
OUT2+
VCC
OUT1-
PW-GND1
OUT1+
SVR
IN1
IN2
S-GND
IN4
IN3
AC-GND
OUT3+
PW-GND3
OUT3-
VCC
OUT4+
MUTE
OUT4-
PW-GND4
OD
1
25
Flexiwatt25
STPA003OD-4WX
GAPGPS02058
OD
TAB
PW-GND
OUT2-
ST-BY
OUT2+
VCC
OUT1-
PW-GND
OUT1+
SVR
IN1
IN2
S-GND
IN4
IN3
AC-GND
OUT3+
PW-GND
OUT3-
VCC
OUT4+
MUTE
OUT4-
PW-GND
HSD
TAB
1
27
Flexiwatt27
STPA003HSD-48X
OD
TAB
PW-GND
OUT2-
ST-BY
OUT2+
VCC
OUT1-
PW-GND
OUT1+
SVR
IN1
IN2
S-GND
IN4
IN3
AC-GND
OUT3+
PW-GND
OUT3-
VCC
OUT4+
MUTE
OUT4-
PW-GND
CD-DIAG
TAB
1
27
Flexiwatt27
STPA003CD-48X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com