Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA75612LV Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA75612LV
Description  4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75612LV Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA75612LV Datasheet HTML 17Page - STMicroelectronics TDA75612LV Datasheet HTML 18Page - STMicroelectronics TDA75612LV Datasheet HTML 19Page - STMicroelectronics TDA75612LV Datasheet HTML 20Page - STMicroelectronics TDA75612LV Datasheet HTML 21Page - STMicroelectronics TDA75612LV Datasheet HTML 22Page - STMicroelectronics TDA75612LV Datasheet HTML 23Page - STMicroelectronics TDA75612LV Datasheet HTML 24Page - STMicroelectronics TDA75612LV Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
DocID025639 Rev 4
21/35
TDA75612LV
Multiple faults
34
6
Multiple faults
When more misconnections are simultaneously in place at the audio outputs, it is
guaranteed that at least one of them is initially read out. The others are notified after
successive cycles of I2C reading and faults removal, provided that the diagnostic is enabled.
This is true for both kinds of diagnostic (Turn-on and Permanent).
The table below shows all the couples of double-fault possible. It should be taken into account
that a short circuit with the 4 Ω speaker unconnected is considered as double fault.
In Permanent Diagnostic the table is the same, with only a difference concerning Open Load
(*), which is not among the recognizable faults. Should an Open Load be present during the
device's normal working, it would be detected at a subsequent Turn-on Diagnostic cycle (i.e.
at the successive Car Radio Turn-on).
6.1
Faults availability
All the results coming from I2C bus, by read operations, are the consequence of
measurements inside a defined period of time. If the fault is stable throughout the whole
period, it will be sent out.
To guarantee always resident functions, every kind of diagnostic cycle (Turn-on, Permanent,
Offset) is activated again after any I2C reading operation. So, when the micro reads the I2C,
a new cycle will be able to start, but the read data will come from the previous diag. cycle
(i.e. The device is in Turn-on state, with a short to Gnd, then the short is removed and micro
reads I2C. The short to GND is still present in bytes, because it is the result of the previous
cycle. If another I2C reading operation occurs, the bytes do not show the short). In general
to observe a change in Diagnostic bytes, two I2C reading operations are necessary.
Table 6. Double fault table for turn on diagnostic
S. GND
S. Vs
S. Across L.
Open L.
S. GND
S. GND
S. Vs + S. GND
S. GND
S. GND
S. Vs
/
S. Vs
S. Vs
S. Vs
S. Across L.
/
/
S. Across L.
N.A.
Open L.
/
/
/
Open L. (*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com