Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7577BLVPD Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7577BLVPD
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLVPD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7577BLVPD Datasheet HTML 7Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 8Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 9Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 10Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 11Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 12Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 13Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 14Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
DocID025375 Rev 5
11/43
TDA7577BLV
Electrical specifications
42
V1Ω
1Ω pin voltage for 2ch mode
-
0
-
1.5
V
1Ω pin voltage for 1 Ω mode
-
2.5
-
18
V
I1
1Ω pin current (standby)
0 V < 1 Ω <18 V, Vs-tby < 1.2 V
-5
-
5
μA
1Ω pin current (operative)
1 Ω < 18 V, Vs-tby > 2.6 V
7
13
18
μA
La
A pin voltage
Low logic level
0
-
1.5
V
Ha
High logic level
2.5
-
18
V
Ia
A pin current (ST-BY)
0 V < A < 18 V, Vst-by < 1.2 V
-5
-
5
μA
A pin current (operative)
A < 18 V, Vst-by > 2.6 V
7
13
18
μA
Lb
B pin voltage
Low logic level
0
-
1.5
V
Hb
High logic level
2.5
-
18
V
Ib
B pin current (ST-BY)
0V < B < 18 V, Vstby < 1.2 V
-5
-
5
μA
B pin current (operative)
B < 18 V, Vst-by > 2.6 V
7
13
18
μA
ASB
Standby attenuation
-
90
100
-
dB
AM
Mute attenuation
-
80
100
-
dB
Turn on diagnostics (Power amplifier mode)
Pgnd
Short to GND det. (below this limit,
the Output is considered in Short
Circuit to GND)
Power amplifier in standby
condition
-
-
1.2
V
Pvs
Short to Vs det. (above this limit, the
Output is considered in Short Circuit
to VS)
-
Vs -
0.9
--
V
Pnop
Normal operation
thresholds.(Within these limits, the
Output is considered without faults).
-
1.8
-
Vs -
1.5
V
Lsc
Shorted load det.
-
-
-
0.5
Ω
Lop
Open load det.
-
85
-
Ω
Lnop
Normal load det.
-
1.5
-
45
Ω
Turn on diagnostics (Line driver mode)
Pgnd
Short to GND det. (below this limit,
the Output is considered in Short
Circuit to GND)
Power amplifier in standby
-
-
1.2
V
Pvs
Short to Vs det. (above this limit, the
Output is considered in Short Circuit
to VS)
Vs -
0.9
--
V
Pnop
Normal operation
thresholds.(Within these limits, the
Output is considered without faults).
1.8
-
Vs -
1.5
V
Lsc
Shorted load det.
-
-
1.5
Ω
Lop
Open load det.
330
-
-
Ω
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com