Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7577BLVPDTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7577BLVPDTR
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLVPDTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7577BLVPDTR Datasheet HTML 19Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 20Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 21Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 22Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 23Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 24Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 25Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 26Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
DocID025375 Rev 5
23/43
TDA7577BLV
1 Ω load capability setting
42
5
1 Ω load capability setting
It is possible to drive 1 Ω load paralleling the outputs into a single channel.
In order to implement this feature, outputs should be connected as follows:
OUT1+ shorted to OUT2+
OUT1- shorted to OUT2-.
It is recommended to minimize the impedance on the board between OUT2 and the load in
order to minimize THD distortion. It is also recommended to control the maximum mismatch
impedance between VCC pins (PIN21/PIN22 respect to PIN33/PIN34) and between
PWGND pins (PIN24/PIN25 respect to PIN30/PIN31), mismatch that must not exceed a
value of 20 mΩ
With 1Ω feature settled the active input is IN2 (PIN17 and PIN18), therefore IN1 pins should
be let floating.
It is possible to set the load capability acting on 1 Ω pin as follows:
1 Ω PIN < 1.2V: two channels mode (for a minimum load of 2 Ω)
1 Ω PIN > 2.6V: one channel mode (for 1 Ω load).
It is to remember that 1 Ω function is a hardware selection.
Therefore it is recommended to leave 1 Ω pin floating or shorted to GND to set the two
channels mode configuration, or to short 1 Ω pin to VCC to set the one channel (1 Ω)
configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com