Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7577BLVSM Datasheet(PDF) 39 Page - STMicroelectronics

Part # TDA7577BLVSM
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLVSM Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TDA7577BLVSM Datasheet HTML 35Page - STMicroelectronics TDA7577BLVSM Datasheet HTML 36Page - STMicroelectronics TDA7577BLVSM Datasheet HTML 37Page - STMicroelectronics TDA7577BLVSM Datasheet HTML 38Page - STMicroelectronics TDA7577BLVSM Datasheet HTML 39Page - STMicroelectronics TDA7577BLVSM Datasheet HTML 40Page - STMicroelectronics TDA7577BLVSM Datasheet HTML 41Page - STMicroelectronics TDA7577BLVSM Datasheet HTML 42Page - STMicroelectronics TDA7577BLVSM Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
DocID025375 Rev 5
39/43
TDA7577BLV
Package information
42
H (2)
28.90
29.23
29.30
1.139
1.150
1.153
H1
-
17.00
-
-
0.669
-
H2
-
12.80
-
-
0.503
-
H3
-
0.80
-
-
0.031
-
L (2)
21.64
22.04
22.44
0.852
0.868
0.883
L1
10.15
10.50
10.85
0.40
0.413
0.427
L2 (2)
15.50
15.70
15.90
0.610
0.618
0.626
L3
7.70
7.85
7.95
0.303
0.309
0.313
L4
-
5
-
-
0.197
-
L5
5.15
5.45
5.85
0.203
0.214
0.23
M
2.75
3.00
3.50
0.108
0.118
0.138
M1
-
4.73
-
-
0.186
-
M2
-
5.61
-
-
0.220
-
N
-
2.20
-
-
0.086
-
P
3.20
3.50
3.80
0.126
0.138
0.15
R
-
1.70
-
-
0.067
-
R1
-
0.5
-
-
0.02
-
R2
-
0.3
-
-
0.12
-
R3
-
1.25
-
-
0.049
-
R4
-
0.50
-
-
0.019
-
V
-
5°
-
-
5°
-
V1
-3°-
-3°
-
V2
-
20°
-
-
20°
-
V3
-
45°
-
-
45°
-
1. dam-bar protusion not included.
2. molding protusion included.
Table 13. Flexiwatt 27 (horizontal) package mechanical data (continued)
Symbol
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com