Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7808-ZST Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7808-ZST
Description  High efficiency digital input automotive quad power amplifier, start stop compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7808-ZST Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7808-ZST Datasheet HTML 23Page - STMicroelectronics TDA7808-ZST Datasheet HTML 24Page - STMicroelectronics TDA7808-ZST Datasheet HTML 25Page - STMicroelectronics TDA7808-ZST Datasheet HTML 26Page - STMicroelectronics TDA7808-ZST Datasheet HTML 27Page - STMicroelectronics TDA7808-ZST Datasheet HTML 28Page - STMicroelectronics TDA7808-ZST Datasheet HTML 29Page - STMicroelectronics TDA7808-ZST Datasheet HTML 30Page - STMicroelectronics TDA7808-ZST Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
DS12230 Rev 4
27/39
TDA7808
I2C bus interface
38
9.1
Writing procedure
There are two possible procedures:
1.
without increment: the I bit is set to 0 and the register to be written is addressed by the
subaddress SUB A. Only this register is written by the DATA byte following the
subaddress byte.
2.
with increment: the I bit is set to 1 and the first register to be written is the one
addressed by subaddress SUB A. Then all the registers from SUB A up to stop bit or
the reaching of last register are written.
9.2
Data validity
The data on the SDA line must be stable during the high period of the clock. The HIGH and
LOW state of the data line can only change when the clock signal on the SCL line is LOW.
9.3
Start and stop conditions
A start condition is a HIGH to LOW transition of the SDA line while SCL is HIGH.
The stop condition is a LOW to HIGH transition of the SDA line while SCL is HIGH.
9.4
Byte format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an
acknowledge bit. The MSB is transferred first.
9.5
Acknowledge
The transmitter* puts a resistive HIGH level on the SDA line during the acknowledge clock
pulse. The receiver** has to pull-down (LOW) the SDA line during the acknowledge clock
pulse, so that the SDA line is stable LOW during this clock pulse.
* Transmitter
= master (µP) when it writes an address or instruction byte to the TDA7808
= slave (TDA7808) when the µP reads a data byte from TDA7808
** Receiver
= slave (TDA7808) when the µP writes an address or instruction byte to the TDA7808
= master (µP) when it reads a data byte from TDA7808
9.6
Address selection
To select the proper I2C address a resistor must be connected to ADD pin as follows:
Table 9. Address threshold
ADD2
ADD1
Rload
0
0
120K < R
0
1
56K < R < 64K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com