Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP2151AS-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2151AS-13
Description  0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2151AS-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2151AS-13 Datasheet HTML 1Page - Diodes Incorporated AP2151AS-13 Datasheet HTML 2Page - Diodes Incorporated AP2151AS-13 Datasheet HTML 3Page - Diodes Incorporated AP2151AS-13 Datasheet HTML 4Page - Diodes Incorporated AP2151AS-13 Datasheet HTML 5Page - Diodes Incorporated AP2151AS-13 Datasheet HTML 6Page - Diodes Incorporated AP2151AS-13 Datasheet HTML 7Page - Diodes Incorporated AP2151AS-13 Datasheet HTML 8Page - Diodes Incorporated AP2151AS-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AP2151A
Document number: DS37615 Rev. 2 - 2
1 of 18
www.diodes.com
January 2018
© Diodes Incorporated
AP2151A
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Description
The AP2151A is an integrated high-side power switches optimized for
Universal Serial Bus (USB) and other hot-swap applications. The
family of devices complies with USB 2.0 and is available with active
high Enable input. They offer current and thermal limiting and short
circuit protection as well as controlled rise time and under-voltage
lockout functionality. A 7ms deglitch capability on the open-drain Flag
output prevents false over-current reporting and does not require any
external components.
AP2151A is available in SO-8, MSOP-8EP, SOT25 and U-DFN2018-
6 packages.
Features
Single USB Port Power Switches
Over-Current and Thermal Protection
0.8A Accurate Current Limiting
Reverse Current Blocking
95m
Ω On-Resistance
Input Voltage Range: 2.7V to 5.5V
0.6ms Typical Rise Time
Very Low Shutdown Current: 1µA (Max)
Fault Report (FLG) with Blanking Time (7ms Typ)
ESD Protection: 4kV HBM, 400V MM
Active High Enable
Ambient Temperature Range -40°C to +85°C
SOT25, SO-8, MSOP-8EP (Exposed Pad) and U-DFN2018-6:
Available in
“Green” Molding Compound (No Br, Sb)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Fre
e. “Green” Device (Note 3)
15kV ESD Protection per IEC 61000-4-2 (With External
Capacitance)
UL Recognized, File Number E322375
IEC60950-1 CB Scheme Certified
Applications
Consumer Electronics
– LCD TVs & Monitors, Game Machines
Communications
– Set-Top-Boxes, GPS Systems, Smartphones
Computing
– Laptops, Desktops, Servers, Printers, Docking
Stations, HUBs
Pin Assignments
(Top View)
1
2
3
4
8
7
6
5
NC
OUT
FLG
OUT
GND
EN
IN
IN
SO-8
(Top View)
MSOP-8EP
(Top View)
SOT25
(Top View)
U-DFN2018-6
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for
more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green" products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
FLG
EN
GND
OUT
OUT
IN
1
3
2
4
5
6
1
2
3
4
8
7
6
5
NC
OUT
FLG
OUT
GND
EN
IN
IN
EN
OUT
GND
IN
FLG
1
2
3
5
4


Similar Part No. - AP2151AS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2151 DIODES-AP2151 Datasheet
389Kb / 19P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2151 Rev. 6
AP2151 DIODES-AP2151 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2151 DIODES-AP2151 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2151 DIODES-AP2151 Datasheet
389Kb / 19P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP21510 DIODES-AP21510 Datasheet
916Kb / 14P
0.2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
June 2015
More results

Similar Description - AP2151AS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2146 DIODES-AP2146 Datasheet
535Kb / 17P
0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2146/AP2156 Rev 1
AP2145 DIODES-AP2145 Datasheet
390Kb / 14P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2155 Rev. 1
AP2145 DIODES-AP2145_10 Datasheet
405Kb / 13P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32031 Rev. 2 - 2
AP2141_0906 DIODES-AP2141_0906 Datasheet
389Kb / 19P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2151 Rev. 6
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141FMG-7 DIODES-AP2141FMG-7 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141SG-13 DIODES-AP2141SG-13 Datasheet
389Kb / 19P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2142SG-13 DIODES-AP2142SG-13 Datasheet
2Mb / 17P
0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141A DIODES-AP2141A Datasheet
1Mb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com